Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3015B Datasheet (PDF) - NEC

UPD70F3015B Datasheet PDF - NEC
Part # UPD70F3015B
Download  UPD70F3015B Download
File Size   413.98 Kbytes
Page   48 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-BIT SINGLE-CHIP MICROCONTROLLER

UPD70F3015B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD70F3015B Datasheet PDF - NEC

Part # UPD70F3015B
Download  UPD70F3015B Click to download

File Size   413.98 Kbytes
Page   48 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-BIT SINGLE-CHIP MICROCONTROLLER

UPD70F3015B Datasheet (HTML) - NEC


UPD70F3015B Product details

DESCRIPTION

The µPD70F3015B, 70F3015BY, 70F3017A, and 70F3017AY are products with on-chip flash memory. Because the devices can be programmed by the user on-board, they are ideal for the evaluation stages of system development, small-scale production of a variety of products, and rapid development of new products.

The V850/SA1 provides a high-level cost performance ideal for applications ranging from low-power camcorders and other AV equipment to portable telephone equipment such as cellular phones and personal handyphone systems (PHS).



FEATURES

○ Number of instructions: 74

○ Minimum instruction execution time:

   58.8 ns (@ 17 MHz operation with main system clock (fXX))

   50 ns (@ 20 MHz operation with main system clock (fXX))

   30.5 µs (@ 32.768 kHz operation with subsystem clock (fXT))

○ General-purpose registers: 32 bits × 32 registers

○ Instruction set:

   Signed multiplication, saturation operations, 32-bit shift instructions, bit manipulation instructions, load/store instructions

○ Memory space:

   16 MB linear address space

   Memory block division function: 2 MB per block

○ Internal memory

• Flash memory

   128 KB (µPD70F3015B, 70F3015BY)

   256 KB (µPD70F3017A, 70F3017AY)

• RAM

   4 KB (µPD70F3015B, 70F3015BY)

   8 KB (µPD70F3017A, 70F3017AY)

○ External bus interface: 16-bit data bus

   Address bus: Separate output enabled

○ Interrupts and exceptions

   External: 8, internal: 23, exceptions: 1

○ I/O lines Total: 85

○ Timer/counters

   16-bit timer: 2 channels

   8-bit timer: 4 channels

○ Watch timer: 1 channel

○ Watchdog timer: 1 channel

○ Serial interface (SIO)

   Asynchronous serial interface (UART)

   Clocked serial interface (CSI)

   I2C bus interface (µPD70F3015BY, 70F3017AY)

○ A/D converter: 12 channels

○ DMA controller: 3 channels

○ RTP: 8 bits × 1 channel or 4 bits × 2 channels

○ Power-saving functions: HALT/IDLE/STOP modes

○ Packages: 100-pin plastic LQFP (14 × 14 mm)

                121-pin plastic FBGA (12 × 12 mm)

    

APPLICATIONS

○ Low-power portable devices Cellular phones, PHSs, and camcorders



 




Similar Part No. - UPD70F3015B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3017AF1-EA6 NEC-UPD70F3017AF1-EA6 Datasheet
337Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3017AGC-8EU NEC-UPD70F3017AGC-8EU Datasheet
337Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3017AY NEC-UPD70F3017AY Datasheet
337Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3017AYF1-EA6 NEC-UPD70F3017AYF1-EA6 Datasheet
337Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Similar Description - UPD70F3015B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
32-bit Single Chip Microcontroller
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com