Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-2131 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-2131 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-2131
Download  HDSP-2131 Download
File Size   228.91 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications

HDSP-2131 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-2131 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-2131
Download  HDSP-2131 Click to download

File Size   228.91 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications

HDSP-2131 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-2131 Product details

Description

The HDSP-2131 (yellow), HDSP-2179 (orange), HDSP-2132 (high efficiency red) and the HDSP-2133 (green) are eight-digit, 5 x 7 dot matrix, alphanumeric displays. The 5.0 mm (0.2 inch) high characters are packaged in a standard 7.64 mm (0.30 inch) 32 pin DIP.



Features

• Wide Operating Temperature Range -55°C to +85°C

• Smart Alphanumeric Display

   On-Board CMOS IC

   Built-In RAM

   ASCII Decoder

   LED Drive Circuitry

• 128 ASCII Character Set

• 16 User Definable Characters

• Programmable Features

   Individual Character Flashing

   Full Display Blinking

   Multi-Level Dimming and Blanking

   Self Test

Clear Function

• Read/Write Capability

• Full TTL Compatibility

• HDSP-2131/-2133/-2179 Useable in Night Vision Lighting Applications

• Categorized for Luminous Intensity

• HDSP-2131/2133 Categorized for Color

• Excellent ESD Protection

• Wave Solderable

• X-Y Stackable




Similar Part No. - HDSP-2131

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2131 AVAGO-HDSP-2131 Datasheet
217Kb / 16P
Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Broadcom Corporation.
HDSP-2131 BOARDCOM-HDSP-2131 Datasheet
859Kb / 18P
Eight-Character 5.0-mm (0.2-in.) Glass/Ceramic Intelligent 5 횞 7 Alphanumeric Displays for Military Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
More results


Similar Description - HDSP-2131

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
HDSP-2131 AVAGO-HDSP-2131 Datasheet
217Kb / 16P
Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
HDSP-2131 BOARDCOM-HDSP-2131 Datasheet
859Kb / 18P
Eight-Character 5.0-mm (0.2-in.) Glass/Ceramic Intelligent 5 횞 7 Alphanumeric Displays for Military Applications
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com