Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC0201A Datasheet (PDF) - Golledge Electronics Ltd

TC0201A Datasheet PDF - Golledge Electronics Ltd
Part # TC0201A
Download  TC0201A Download
File Size   79.05 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 433.920 MHz SAW Resonator

TC0201A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0201A Datasheet PDF - Golledge Electronics Ltd

Part # TC0201A
Download  TC0201A Click to download

File Size   79.05 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 433.920 MHz SAW Resonator

TC0201A Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - TC0201A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
More results


Similar Description - TC0201A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
TC0217A TAI-SAW-TC0217A Datasheet
337Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC433ED_A TAI-SAW-TC433ED_A Datasheet
330Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0435A TAI-SAW-TC0435A Datasheet
296Kb / 4P
SAW Resonator 433.920 MHz
logo
Golledge Electronics Lt...
MA05774 GOLLEDGE-MA05774 Datasheet
193Kb / 4P
SAW Resonator 433.920 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com