Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARD65124 Datasheet (PDF) - Nais(Matsushita Electric Works)

ARD65124 Datasheet PDF - Nais(Matsushita Electric Works)
Part # ARD65124
Download  ARD65124 Download
File Size   541.41 Kbytes
Page   8 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 26.5GHz, 18GHz COAXIAL SWITCH

ARD65124 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARD65124 Datasheet PDF - Nais(Matsushita Electric Works)

Part # ARD65124
Download  ARD65124 Click to download

File Size   541.41 Kbytes
Page   8 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 26.5GHz, 18GHz COAXIAL SWITCH

ARD65124 Datasheet (HTML) - Nais(Matsushita Electric Works)


ARD65124 Product details

FEATURES

1. High frequency characteristics (Impedance 50Ω)

2. SPDT and transfer type available

3. High sensitivity

Nominal operating power: 840 mW (SPDT, Failsafe type)

1540 mW (Transfer, Failsafe type)

4. Long life: 5 ×106 (SPDT)



TYPICAL APPLICATIONS

Wireless and mobile communication infrastructure

• Cellular phone base stations

• Amplifier switching

Measurement instruments

• All types of inspection equipment




Similar Part No. - ARD65124

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ARD-01 AGELECTRONICA-ARD-01 Datasheet
165Kb / 2P
KIT DE INICIO RAPIDO OSEPP 101 INCLUYE ARDUINO UNO
27/03/2018
ARD-01B AGELECTRONICA-ARD-01B Datasheet
165Kb / 2P
KIT DE INICIO RAPIDO OSEPP 101 NO INCLUYE ARDUINO
27/03/2018
ARD-02 AGELECTRONICA-ARD-02 Datasheet
184Kb / 3P
KIT DE ARDUINO INTERMEDIO OSEPP 201
27/03/2018
logo
Hanwha Vision Co., Ltd....
ARD-1610 HANWHAVISION-ARD-1610 Datasheet
239Kb / 2P
A series DVR
ARD-410 HANWHAVISION-ARD-410 Datasheet
270Kb / 4P
A series DVR
More results


Similar Description - ARD65124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
Miniature DC-18GHz SPDT Switch
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
SS402 50 Ohm 18GHz Precision Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Pasternack Enterprises,...
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
logo
Hirose Electric
SMA HIROSE-SMA Datasheet
426Kb / 8P
SMA Reverse Coaxial Connector Up to 26.5GHz
logo
Huber+Suhner, Inc.
31_SMA-50-0-100111_N HUBERSUHNER-31_SMA-50-0-100111_N Datasheet
545Kb / 2P
COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, jack / jack (female / female)
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com