Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSLY3943 Datasheet (PDF) - Vishay Siliconix

VSLY3943 Datasheet PDF - Vishay Siliconix
Part # VSLY3943
Download  VSLY3943 Download
File Size   116.21 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology

VSLY3943 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSLY3943 Datasheet PDF - Vishay Siliconix

Part # VSLY3943
Download  VSLY3943 Click to download

File Size   116.21 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology

VSLY3943 Datasheet (HTML) - Vishay Siliconix


VSLY3943 Product details

• Package type: leaded
• Package form: T-1, clear epoxy
• Dimensions: Ø 3 mm
• Peak wavelength: λp = 940 nm
• High speed
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 17°
• Low forward voltage
• Good spectral matching to Si photodetectors




Similar Part No. - VSLY3943

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSLY3943 VISHAY-VSLY3943 Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
10-Apr-18
VSLY3943 VISHAY-VSLY3943 Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
10-Apr-18
VSLY3943-MSZ VISHAY-VSLY3943-MSZ Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
10-Apr-18
VSLY3943 VISHAY-VSLY3943_V01 Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
10-Apr-18
VSLY3943 VISHAY-VSLY3943_V02 Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
10-Apr-18
More results


Similar Description - VSLY3943

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSLY5940 VISHAY-VSLY5940 Datasheet
118Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
29-May-15
VSMY2943SL VISHAY-VSMY2943SL Datasheet
118Kb / 6P
High Speed Infrared Emitting Diode, 940 nm,Surface Emitter Technology
31-Aug-15
VSMY3940X01 VISHAY-VSMY3940X01 Datasheet
149Kb / 7P
High Speed Infrared Emitting Diode, 940 nm,Surface Emitter Technology
25-Jun-14
VSLY5940 VISHAY-VSLY5940_V01 Datasheet
120Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
29-May-15
VSLY3943 VISHAY-VSLY3943_V01 Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
10-Apr-18
VSMY2943SL VISHAY-VSMY2943SL_V01 Datasheet
130Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
08-Dec-17
VSMY3940X01 VISHAY-VSMY3940X01_V01 Datasheet
152Kb / 7P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
25-Jun-14
VSMY2943SLX01 VISHAY-VSMY2943SLX01 Datasheet
128Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
22-Nov-17
VSMY2943SLX01 VISHAY-VSMY2943SLX01_V01 Datasheet
129Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
22-Nov-17
VSMY3940X01 VISHAY-VSMY3940X01_V02 Datasheet
151Kb / 7P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
25-Jun-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com