Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3418 Datasheet (PDF) - Analog Devices

ADP3418 Datasheet PDF - Analog Devices
Part # ADP3418
Download  ADP3418 Download
File Size   326.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Bootstrapped 12 V MOSFET Driver with Output Disable

ADP3418 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3418 Datasheet PDF - Analog Devices

Part # ADP3418
Download  ADP3418 Click to download

File Size   326.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Bootstrapped 12 V MOSFET Driver with Output Disable

ADP3418 Datasheet (HTML) - Analog Devices


ADP3418 Product details

GENERAL DESCRIPTION

The ADP3418 is a dual, high voltage MOSFET driver optimized for driving two N-channel MOSFETs, the two switches in a nonisolated, synchronous, buck power converter. Each of the drivers is capable of driving a 3000 pF load with a 30 ns transition time. One of the drivers can be bootstrapped, and is designed to handle the high voltage slew rate associated with floating high side gate drivers. The ADP3418 includes overlapping drive protection to prevent shoot-through current in the external MOSFETs. The OD pin shuts off both the high-side and the low-side MOSFETs to prevent rapid output capacitor discharge during system shutdowns.



FEATURES

All-in-one synchronous buck driver

Bootstrapped high-side drive

1 PWM signal generates both drives

Anticross-conduction protection circuitry

Output disable control turns off both MOSFETs to float the output per Intel® VRM 10 and AMD Opteron specifications



APPLICATIONS

Multiphase desktop CPU supplies

Single-supply synchronous buck converters




Similar Part No. - ADP3418

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
ADP3418KRZ ONSEMI-ADP3418KRZ Datasheet
308Kb / 13P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
ADP3418KRZ-REEL ONSEMI-ADP3418KRZ-REEL Datasheet
308Kb / 13P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
More results


Similar Description - ADP3418

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
7/05-Revision 0
ADP3118 AD-ADP3118 Datasheet
370Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
4/05-Revision 0
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
6/05-Revision 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com