Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3420E Datasheet (PDF) - Maxim Integrated Products

MAX3420E Datasheet PDF - Maxim Integrated Products
Part # MAX3420E
Download  MAX3420E Download
File Size   509.61 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB Peripheral Controller with SPI Interface

MAX3420E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3420E Datasheet PDF - Maxim Integrated Products

Part # MAX3420E
Download  MAX3420E Click to download

File Size   509.61 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB Peripheral Controller with SPI Interface

MAX3420E Datasheet (HTML) - Maxim Integrated Products


MAX3420E Product details

General Description
The MAX3420E contains the digital logic and analog circuitry necessary to implement a full-speed USB peripheral compliant to USB specification rev 2.0. A builtin full-speed transceiver features ±15kV ESD protection and programmable USB connect and disconnect. An internal serial-interface engine (SIE) handles low-level USB protocol details such as error checking and bus retries. The MAX3420E operates using a register set accessed by an SPI interface that operates up to 26MHz. Any SPI master (microprocessor, ASIC, DSP, etc.) can add USB functionality using the simple 3- or 4-wire SPI interface.

Benefits and Features
● Simplifies Adding USB to Any System
    • Microprocessor-Independent USB Solution
    • Complies with USB Specification Revision 2.0 (Full-Speed Operation)
    • Integrated Full-Speed USB Transceiver
    • Firmware/Hardware Control of an Internal D+ Pullup Resistor
    • Programmable 3 or 4-Wire 26MHz SPI Interface
    • Intelligent USB Serial-Interface Engine (SIE)
    • Automatically Handles USB Flow Control and Double Buffering
    • Handles Low-Level USB Signaling Details
    • Includes Timers for USB Time-Sensitive Operations, So SPI Master Does Not Need to Time Events
    • Four General-Purpose Inputs and Four GeneralPurpose Outputs
● Internal Comparator Detects VBUS for Self-Powered Applications
● Interrupt Output Pin (Level or Programmable Edge) Allows Polled or Interrupt-Driven SPI Interface
● Double-Buffered Data Endpoints Increase Throughput by Allowing the SPI Master to Transfer Data Concurrently with USB Transfers Over the Same Endpoint
    • Built-In Endpoint FIFOs
    • EP0: CONTROL (64 Bytes)
    • EP1: OUT, Bulk or Interrupt, 2 x 64 Bytes (Double-Buffered)
    • EP2: IN, Bulk or Interrupt, 2 x 64 Bytes (Double-Buffered)
    • EP3: IN, Bulk or Interrupt (64 Bytes)
● SETUP Data Has Its Own 8-Byte FIFO, Simplifying Firmware
● ESD Protection on D+, D-, and VBCOMP Improves System Reliability

Applications
● Cell Phones
● PC Peripherals
● Microprocessors and DSPs
● Custom USB Devices
● Cameras
● Desktop Routers
● PLCs
● Set-Top Boxes
● PDAs
● MP3 Players
● Instrumentation




Similar Part No. - MAX3420E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
366Kb / 25P
USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3420E MAXIM-MAX3420E Datasheet
203Kb / 9P
Mates to Keil MCB2130 Development Board
Rev 0; 12/06
MAX3420E MAXIM-MAX3420E Datasheet
179Kb / 10P
Four GPI Port-Connected Pushbuttons
Rev 0; 12/06
MAX3420EECJ+ MAXIM-MAX3420EECJ+ Datasheet
366Kb / 25P
USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3420EETG+ MAXIM-MAX3420EETG+ Datasheet
366Kb / 25P
USB Peripheral Controller with SPI Interface
Rev 2; 6/07
More results


Similar Description - MAX3420E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
logo
ATMEL Corporation
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
Serial Peripheral Interface (SPI) Compatible
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
USB Peripheral Controller with SPI Interface
Rev 5; 11/15
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com