Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU3430 Datasheet (PDF) - New Japan Radio

NJU3430 Datasheet PDF - New Japan Radio
Part # NJU3430
Download  NJU3430 Download
File Size   742.39 Kbytes
Page   18 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 16-CHARACTER 1-LINE DOT MATRIX VFD CONTROLLER DRIVER

NJU3430 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU3430 Datasheet PDF - New Japan Radio

Part # NJU3430
Download  NJU3430 Click to download

File Size   742.39 Kbytes
Page   18 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 16-CHARACTER 1-LINE DOT MATRIX VFD CONTROLLER DRIVER

NJU3430 Datasheet (HTML) - New Japan Radio


NJU3430 Product details

GENERAL DESCRIPTION

The NJU3430 is a Dot Matrix VFD (Vacuum Fluorescent Display)The NJU3430 is a Dot Matrix VFD (Vacuum Fluorescent Display) Controller Driver for 16-character 1-line with Icon display.Controller Driver for 16-character 1-line with Icon display. It contains character generator ROM/RAM, address counter, oscilla- It contains character generator ROM/RAM, address counter, oscillation circuit, command register, Icon display RAM, high voltage drivers,tion circuit, command register, Icon display RAM, high voltage drivers, and serial interface circuit.and serial interface circuit. The display data or the command data is transmitted with the serial The display data or the command data is transmitted with the serial interface circuits.interface circuits.

The character generator consists of 8,400 bits ROM and 35 x 8 bits The character generator consists of  ,400 bits ROM and 35 x 8 bits RAM. The CG RAM stores 8 kinds of character by 5 x 7dots maxi-RAM. The CG RAM stores 8 kinds of character by 5 x 7dots maximum.

The 16-common and 37-segment (35 for character, 2 for icon) drivers The 16-common and 37-segment (35 for character, 2 for icon) drivers operated up to 45V drive the display of 16-character 1-line with 32-operated up to 45V drive the display of 16-character 1-line with 32-Icon.

Furthermore, the NJU3430 incorporates one Output port which drives Furthermore, the NJU3430 incorporates one Output port which drives the LED.the LED.



FEATURES

16-character 1-line Dot Matrix VFD Controller Driver16-character 1-line Dot Matrix VFD Controller Driver

Serial Interface with MicroprocessorSerial Interface with Microprocessor

Display Data RAMDisplay Data RAM 16 x 8 bits16 x 8 bits : 16-character 1-line Display: 16-character 1-line Display

Character Generator ROMCharacter Generator ROM 8,400 bits8,400 bits : 240 Characters for 5 x 7 Dots: 240 Characters for 5 x 7 Dots

Character Generator RAMCharacter Generator RAM 35 x 8 bits35 x 8 bits : 8 Patterns (5 x 7 Dots): 8 Patterns (5 x 7 Dots)

Icon Display RAMIcon Display RAM 16 x 2 bits16 x 2 bits : Maximum 32 Icon: Maximum 32 Icon

VFD Driving VoltageVFD Driving Voltage | V| VDD-VFDP| £ 45V

 Timing SignalTiming Signal : 16: 16

  Segment SignalSegment Signal : 35 (Except for Icon Segment Signal): 35 (Except for Icon Segment Signal)

Output Port for LED : 1Output Port for LED : 1

Display ON/OFF FunctionDisplay ON/OFF Function

Digit Scan FunctionDigit Scan Function

Display Duty (Contrast Control) : 8-step (8/16 to 15/16)Display Duty (Contrast Control) : 8-step (8/16 to 15/16)

Character / Icon Shift FunctionCharacter / Icon Shift Function

Display Mode (9 to 16 Digits)Display Mode (9 to 16 Digits)

Oscillation Circuit on-chip (External Resistor and Capacitor Required)Oscillation Circuit on-chip (External Resistor and Capacitor Required)

Operating VoltageOperating Voltage 3.0V to 5.5V (Except VFD Driving Voltage)3.0V to 5.5V (Except VFD Driving Voltage)

Package OutlinePackage Outline QFP 64QFP 64

C-MOS TechnologyC-MOS Technology




Similar Part No. - NJU3430

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3421A NJRC-NJU3421A Datasheet
399Kb / 13P
VFD CONTROLLER DRIVER
NJU3421AF NJRC-NJU3421AF Datasheet
399Kb / 13P
VFD CONTROLLER DRIVER
NJU3421AL NJRC-NJU3421AL Datasheet
399Kb / 13P
VFD CONTROLLER DRIVER
NJU3422 NJRC-NJU3422 Datasheet
279Kb / 9P
VFD CONTROLLER DRIVER
NJU3422L NJRC-NJU3422L Datasheet
279Kb / 9P
VFD CONTROLLER DRIVER
More results


Similar Description - NJU3430

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
DOT CHARACTER VFD CONTROLLER/DRIVER
logo
New Japan Radio
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6460A NJRC-NJU6460A Datasheet
1Mb / 34P
16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER???
NJU6463 NJRC-NJU6463 Datasheet
1Mb / 42P
16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER????
NJU6464 NJRC-NJU6464 Datasheet
1Mb / 41P
16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER??????
NJU6470 NJRC-NJU6470 Datasheet
1Mb / 33P
16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER WITH KEYSCAN
NJU6631A NJRC-NJU6631A Datasheet
458Kb / 32P
16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6635 NJRC-NJU6635 Datasheet
391Kb / 33P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
Dot Character VFD Controller & Driver
October 4, 2006
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
Dot Character VFD Controller & Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com