Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1743 Datasheet (PDF) - NEC

2SA1743 Datasheet PDF - NEC
Part # 2SA1743
Download  2SA1743 Download
File Size   130.57 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

2SA1743 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1743 Datasheet PDF - NEC

Part # 2SA1743
Download  2SA1743 Click to download

File Size   130.57 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

2SA1743 Datasheet (HTML) - NEC


2SA1743 Product details

PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

The 2SA1743 is a power transistor developed for high-speed switching and features a high hFE at low VCE(sat). This transistor is ideal for use as a driver in DC/DC converters and actuators.
In addition, a small resin-molded insulation type package contributes to high-density mounting and reduction of mounting cost.

FEATURES
• High hFE and low VCE(sat):
   hFE ≥ 100 (VCE = −2 V, IC = −2 A)
   V CE(sat) ≤ 0.3 V (IC = −6 A, IB = −0.3 A)
• Full-mold package that does not require an insulating board or
   bushing




Similar Part No. - 2SA1743

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1743 RENESAS-2SA1743 Datasheet
282Kb / 8P
SILICON POWER TRANSISTOR
2002
More results


Similar Description - 2SA1743

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
PNP Silicon Epitaxial Transistor for High-speed Switching
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com