Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM62X42B Datasheet (PDF) - OKI electronic componets

MSM62X42B Datasheet PDF - OKI electronic componets
Part # MSM62X42B
Download  MSM62X42B Download
File Size   202.15 Kbytes
Page   27 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description REAL TIME CLOCK IC WITH BUILT-IN CRYSTAL

MSM62X42B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM62X42B Datasheet PDF - OKI electronic componets

Part # MSM62X42B
Download  MSM62X42B Click to download

File Size   202.15 Kbytes
Page   27 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description REAL TIME CLOCK IC WITH BUILT-IN CRYSTAL

MSM62X42B Datasheet (HTML) - OKI electronic componets


MSM62X42B Product details

DESCRIPTION

The MSM62X42B is a bus-connection Micro computer peripheral IC of a Real Time Clock with built-in crystal in the perpetual calendar which can be read and written from a second unit.  The interface between this IC and a microcomputer uses 4 data buses, 4 address buses, 3 control buses and 2 chip selects and carries out setting up, amending and reading time.



FEATURES

• 32.768kHz built-in crystal oscillator

(2 ranks of ±10PPM and ±50PPM ---DIP)

(2 ranks of ±20PPM and ±50PPM ---SOP)

• Real time clock of second, minute, date,month, year and day of week

• Interface corresponding to microcomputer bus

• 30-second compensation controlled by software

• Periodical interrupt function (or periodical waveform output) for alarm

• STOP/START function for clock

• 12/24 hour selectable

• AEL input for 8048 system, 8051 system or 8085 system (when a microcomputer does not provide the ALE output, fix the AEL input at "H".)

• Low current consumption for CMOS device

• Low STANDBY voltage and small STANDBY current

• 18-pin plastic DIP(DIP18-P-300)

• 24-pin plastic SOP



 




Similar Part No. - MSM62X42B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6222 OKI-MSM6222 Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6222B-XX OKI-MSM6222B-XX Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6234 OKI-MSM6234 Datasheet
124Kb / 12P
DTMF Tone Dialer LSI
More results


Similar Description - MSM62X42B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
Real-time Clock IC
SM8580AM NPC-SM8580AM Datasheet
179Kb / 23P
Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
Real-time Clock IC
SM8580AM NPC-SM8580AM_06 Datasheet
167Kb / 25P
Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
December 18, 2008
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2 Datasheet
551Kb / 2P
Real Time Clock Module with IC-Bus
RV-8564-C2 MICROCRYSTAL-RV-8564-C2 Datasheet
335Kb / 2P
Real Time Clock Module with IC Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com