Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS832018 Datasheet (PDF) - GSI Technology

GS832018 Datasheet PDF - GSI Technology
Part # GS832018
Download  GS832018 Download
File Size   669.03 Kbytes
Page   25 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs

GS832018 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS832018 Datasheet PDF - GSI Technology

Part # GS832018
Download  GS832018 Click to download

File Size   669.03 Kbytes
Page   25 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs

GS832018 Datasheet (HTML) - GSI Technology


GS832018 Product details

Features

• FT pin for user-configurable flow through or pipeline operation

• Single Cycle Deselect (SCD) operation

• 2.5 V or 3.3 V +10%/–10% core power supply

• 2.5 V or 3.3 V I/O supply

• LBO pin for Linear or Interleaved Burst mode

• Internal input resistors on mode pins allow floating mode pins

• Default to Interleaved Pipeline mode

• Byte Write (BW) and/or Global Write (GW) operation

• Internal self-timed write cycle

• Automatic power-down for portable applications

• JEDEC-standard 100-lead TQFP package

• Pb-Free 100-lead TQFP package available



 




Similar Part No. - GS832018

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS832018AGT-150 GSI-GS832018AGT-150 Datasheet
253Kb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018AGT-150I GSI-GS832018AGT-150I Datasheet
253Kb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018AGT-200 GSI-GS832018AGT-200 Datasheet
253Kb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018AGT-200I GSI-GS832018AGT-200I Datasheet
253Kb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018AGT-250 GSI-GS832018AGT-250 Datasheet
253Kb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Similar Description - GS832018

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8320E18T GSI-GS8320E18T Datasheet
641Kb / 25P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8320E18T-V GSI-GS8320E18T-V Datasheet
1Mb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8320EV18T GSI-GS8320EV18T Datasheet
630Kb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8320V18T GSI-GS8320V18T Datasheet
630Kb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321E18E GSI-GS8321E18E Datasheet
994Kb / 34P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321E18E-V GSI-GS8321E18E-V Datasheet
1Mb / 31P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321EV18E GSI-GS8321EV18E Datasheet
978Kb / 33P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018T-V GSI-GS832018T-V Datasheet
1Mb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832036AGT-250I GSI-GS832036AGT-250I Datasheet
253Kb / 24P
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com