Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX138 Datasheet (PDF) - ON Semiconductor

74LCX138 Datasheet PDF - ON Semiconductor
Part # 74LCX138
Download  74LCX138 Download
File Size   513.58 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage 1-of-8 Decoder/Demultiplexer

74LCX138 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX138 Datasheet PDF - ON Semiconductor

Part # 74LCX138
Download  74LCX138 Click to download

File Size   513.58 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage 1-of-8 Decoder/Demultiplexer

74LCX138 Datasheet (HTML) - ON Semiconductor


74LCX138 Product details

Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V−Tolerant Inputs



The MC74LCX138 is a high performance, 3−to−8 decoder/demultiplexer operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX138 inputs to be safely driven from 5 V devices. The MC74LCX138 is suitable for memory address decoding and other TTL level bus−oriented applications.

Current drive capability is 24 mA at the outputs.



Features

• Designed for 2.3 V to 3.6 V VCC Operation

• 5 V Tolerant Inputs − Interface Capability With 5 V TTL Logic

• LVTTL Compatible

• LVCMOS Compatible

• 24 mA Balanced Output Sink and Source Capability

• Near Zero Static Supply Current (10 μA) Substantially Reduces System Power Requirements

• Latchup Performance Exceeds 500 mA

• ESD Performance: Human Body Model >2000 V

                          Machine Model >200 V 

• NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable

• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant



 




Similar Part No. - 74LCX138

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX138 FAIRCHILD-74LCX138 Datasheet
76Kb / 12P
Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX138 STMICROELECTRONICS-74LCX138 Datasheet
299Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX138 STMICROELECTRONICS-74LCX138 Datasheet
309Kb / 17P
Low voltage CMOS 3 to 8 line decoder (Inverter) with 5V tolerant inputs
26-Jul-2006
logo
Fairchild Semiconductor
74LCX138BQX FAIRCHILD-74LCX138BQX Datasheet
76Kb / 12P
Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
74LCX138BQXDQFN FAIRCHILD-74LCX138BQXDQFN Datasheet
76Kb / 12P
Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
More results


Similar Description - 74LCX138

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
98Kb / 8P
Low Voltage 1-of-8 Decoder/Demultiplexer
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
Low Voltage 1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com