Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6271ACR Datasheet (PDF) - Intersil Corporation

ISL6271ACR Datasheet PDF - Intersil Corporation
Part # ISL6271ACR
Download  ISL6271ACR Download
File Size   588.98 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated XScale Regulator

ISL6271ACR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6271ACR Datasheet PDF - Intersil Corporation

Part # ISL6271ACR
Download  ISL6271ACR Click to download

File Size   588.98 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated XScale Regulator

ISL6271ACR Datasheet (HTML) - Intersil Corporation


ISL6271ACR Product details

The ISL6271A is a versatile power management IC (PMIC) designed for the Xscale type of processors. The device integrates three regulators, two fault indicators and an I2C bus for communication with a host microprocessor. Two of the three regulators function as low power, low drop out regulators, designed to power SRAM and phase-lock loop circuitry internal to the Xscale processor. The third regulator uses a proprietary switch-mode topology to power the processor core and facilitate Dynamic Voltage Management (DVM), as defined by Intel.

Features
• Three Voltage Regulators (1 Buck, 2 LDOs)
• High-Efficiency, fully-Integrated synchronous buck regulator with DVM
• 800mA DC output current for the buck regulator
• Proprietary ‘Synthetic Ripple’ Control Topology
• Greater than 1MHz Switching Frequency
• Diode emulation for light load efficiency
• I2C Interface Module for DVM from 0.85V to 1.6V
• Optional fixed 4-bit VID-control in lieu of DVM
• Small Output Inductor and Capacitor
• Battery Fault signal
• Input Supply Voltage Range: 2.76V-5.5V
• 4x4 mm QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-free Available (RoHS Compliant)

Applications
• PDA
• Cell Phone
• Tablet Devices
• Embedded Processors




Similar Part No. - ISL6271ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
592Kb / 17P
Integrated XScale Regulator
August 10, 2015
logo
Renesas Technology Corp
ISL6271ACRZ RENESAS-ISL6271ACRZ Datasheet
941Kb / 17P
Integrated XScale Regulator
logo
Intersil Corporation
ISL6271ACRZ-T INTERSIL-ISL6271ACRZ-T Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
More results


Similar Description - ISL6271ACR

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
Integrated Circuit Switching Regulator
logo
Advantech Co., Ltd.
APAX-5520CE ADVANTECH-APAX-5520CE Datasheet
188Kb / 1P
PC-based Controller with XScale CPU
logo
Intel Corporation
81348 INTEL-81348 Datasheet
948Kb / 89P
Two Integrated Intel XScale processors
logo
AAEON Technology
AOP-8070HT AAEON-AOP-8070HT Datasheet
353Kb / 2P
Marvell짰 XScale PXA270 Low Power Processor
logo
Micrel Semiconductor
MIC24085 MICREL-MIC24085 Datasheet
1Mb / 16P
Integrated FET Buck Regulator
logo
Intersil Corporation
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
592Kb / 17P
Integrated XScale Regulator
August 10, 2015
logo
Texas Instruments
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
INTEGRATED SWITCHING REGULATOR
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
Integrated Switching Regulator
logo
Silicon Laboratories
SL28PCIE25 SILABS-SL28PCIE25 Datasheet
419Kb / 17P
Integrated voltage regulator
logo
Renesas Technology Corp
ISL6271A RENESAS-ISL6271A Datasheet
941Kb / 17P
Integrated XScale Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com