Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3P830A Datasheet (PDF) - Samsung semiconductor

S3P830A Datasheet PDF - Samsung semiconductor
Part # S3P830A
Download  S3P830A Download
File Size   263.16 Kbytes
Page   45 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 8-Bit CMOS Microcontroller

S3P830A Datasheet (PDF)

Go To PDF Page Download Datasheet
S3P830A Datasheet PDF - Samsung semiconductor

Part # S3P830A
Download  S3P830A Click to download

File Size   263.16 Kbytes
Page   45 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 8-Bit CMOS Microcontroller

S3P830A Datasheet (HTML) - Samsung semiconductor


S3P830A Product details

PRODUCT OVERVIEW
S3C8-SERIES MICROCONTROLLERS
Samsungs S3C8 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-programmable ROM sizes. Among the major CPU features are:

   — Efficient register-oriented architecture
   — Selectable CPU clock sources
   — Idle and Stop power-down mode release by interrupt
   — Built-in basic timer with watchdog function
  
A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more interrupt sources and vectors. Fast interrupt processing (within a minimum of four CPU clocks) can be assigned to specific interrupt levels.

S3C830A MICROCONTROLLER
The S3C830A single-chip microcontroller are fabricated using the highly advanced CMOS process. Its design is based on the powerful SAM88RC CPU core. Stop and idle (power-down) modes were implemented to reduce power consumption.
The S3C830A is a microcontroller with a 48K-byte mask-programmable ROM embedded.
The S3P830A is a microcontroller with a 48K-byte one-time-programmable ROM embedded.
Using the SAM88RC modular design approach, the following peripherals were integrated with the SAM88RC CPU core:
   — Large number of programable I/O ports (Total 72 pins)
   — PLL frequency synthesizer
   — 16-bits intermediate frequency counter
   — Two synchronous SIO modules
   — Two 8-bit timer/counters
   — One 16-bit timer/counter
   — Low voltage reset
   — A/D converter with 4 selectable input pins
  
OTP
The S3C830A microcontroller is also available in OTP (One Time Programmable) version, S3P830A.
The S3P830A microcontroller has an on-chip 48K-byte one-time-programmable EPROM instead of masked ROM. The S3P830A is comparable to S3C830A, both in function and in pin configuration.

FEATURES
CPU
   • SAM88RC CPU core
Memory
   • 2064-byte internal register file (including LCD display RAM)
   • 48K-byte internal program memory area
Instruction Set
   • 78 instructions
   • Idle and Stop instructions
72 I/O Pins
   • 32 normal I/O pins
   • 40 pins sharing with LCD segment signals
Interrupts
   • 8 interrupt levels and 17 internal sources
   • Fast interrupt processing feature
8-Bit Basic Timer
   • Watchdog timer function
   • 4 kinds of clock source
Timer/Counter 0
   • Programmable 8-bit internal timer
   • External event counter function
   • PWM and capture function
Timer/Counter 1
   • Programmable 8-bit interval timer
   • External event counter function
Timer/Counter 2
   • Programmable 16-bit interval timer
   • External event counter function
Watch Timer
   • Interval Time: 50ms, 0.5s, 1.0s at 4.5 MHz
   • 1/1.5/3/6 kHz buzzer output selectable
Analog to Digital Converter
   • 4-channel analog input
   • 8-bit conversion resolution

Two 8-bit Serial I/O Interface
   • 8-bit transmit/receive mode
   • 8-bit receive mode
   • Selectable baud rate or external clock source
PLL Frequency Synthesizer
   • VIN level: 300mVpp (minimum)
   • AMVCO range: 0.5 MHz–30 MHz
   • FMVCO range: 30 MHz–150 MHz
16-Bit Intermediate Frequency (IF) Counter
   • VIN level: 300mVpp (minimum)
   • AMIF range: 100 kHz–1 MHz
   • FMIF range: 5 MHz–15 MHz
LCD Controller/Driver
   • 40 segments and 4 common terminals
   • 4/3/2 common and static selectable
   • Internal or external resistor circuit for LCD bias
Low Voltage Reset (LVR)
   • Low voltage check to make system reset
   • VLVR: 3.5 V (typical)
Two Power-Down Modes
   • Idle mode: only CPU clock stops
   • Stop mode: system clock and CPU clock stop
Oscillation Source
   • Crystal or ceramic for system clock (fx)
Instruction Execution Time
   • 890 ns at 4.5 MHz (minimum)
Operating Temperature Range
   • –25 °C to +85 °C
Operating Voltage Range
   • 3.0 V to 5.5 V at 0.4 MHz–4.5 MHz
   • 4.5 V to 5.5 V in PLL/IFC block
Package Type
   • 100-pin QFP package




Similar Part No. - S3P830A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
8-Bit CMOS Microcontroller
More results


Similar Description - S3P830A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com