Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

908E626 Datasheet (PDF) - Freescale Semiconductor, Inc

908E626 Datasheet PDF - Freescale Semiconductor, Inc
Part # 908E626
Download  908E626 Download
File Size   678.82 Kbytes
Page   38 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication

908E626 Datasheet (PDF)

Go To PDF Page Download Datasheet
908E626 Datasheet PDF - Freescale Semiconductor, Inc

Part # 908E626
Download  908E626 Click to download

File Size   678.82 Kbytes
Page   38 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication

908E626 Datasheet (HTML) - Freescale Semiconductor, Inc


908E626 Product details

Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication

The 908E626 is an integrated single-package solution that includes a high performance HC08 microcontroller with a SMARTMOS TM analog control IC. The HC08 includes flash memory, a timer, enhanced serial communications interface (ESCI), an analog-to-digital converter(ADC), serial peripheral interface (SPI) (only internal), and an internal clock generator (ICG) module. The analog control die provides fully protected H-bridge outputs, voltageregulator, autonomous watchdog,
and local interconnect network (LIN) physical layer. The single-package solution, together with LIN, provides optimal application performance adjustmentsand space-saving PCB design. It is well suited for the control ofautomotive stepper applications like climate control and light-levelling.

Features
• High performance M68HC08EY16 core
•16 K bytes of on-chip flash memory
• 512 bytes of RAM
• Internal clock generation module
• Two 16-bit, 2-channel timers
• 10-Bit Analog-to-Digital converter
• Four low RDS(ON)half-bridge outputs
• 13 microcontroller I/Os
• Pb-free packaging designated by suffix code EK




Similar Part No. - 908E626

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626 Datasheet
1Mb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
839Kb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
811Kb / 43P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results


Similar Description - 908E626

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com