Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16DSMA Datasheet (PDF) - NEC

AC16DSMA Datasheet PDF - NEC
Part # AC16DSMA
Download  AC16DSMA Download
File Size   146.76 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16A MOLD ISOLATED TRIAC

AC16DSMA Datasheet (PDF)

Go To PDF Page Download Datasheet
AC16DSMA Datasheet PDF - NEC

Part # AC16DSMA
Download  AC16DSMA Click to download

File Size   146.76 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16A MOLD ISOLATED TRIAC

AC16DSMA Datasheet (HTML) - NEC




Similar Part No. - AC16DSMA

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AC16DSMA KERSEMI-AC16DSMA Datasheet
1Mb / 5P
Isolated plastic package (modified TO-220AB)
logo
Renesas Technology Corp
AC16DSMA RENESAS-AC16DSMA Datasheet
403Kb / 8P
16 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Similar Description - AC16DSMA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
TRIAC, 16A
logo
KEC(Korea Electronics)
T16A6CI KEC-T16A6CI Datasheet
81Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC (AC POWER CONTROL)
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
logo
List of Unclassifed Man...
TG-F ETC-TG-F Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
logo
SanRex Corporation
TG16C SANREX-TG16C Datasheet
465Kb / 2P
TRIAC (ISOLATED MOLD TYPE)
logo
NEC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
1A MOLD TRIAC
AC03DGM NEC-AC03DGM Datasheet
179Kb / 6P
3A MOLD TRIAC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
8A MOLD TRIAC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
16A MOLD TRIAC
logo
Renesas Technology Corp
AC03DJM RENESAS-AC03DJM Datasheet
444Kb / 8P
3A MOLD TRIAC
1988
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com