Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4554 Datasheet (PDF) - NEC

2SC4554 Datasheet PDF - NEC
Part # 2SC4554
Download  2SC4554 Download
File Size   111.96 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR FOR SWITCHING

2SC4554 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4554 Datasheet PDF - NEC

Part # 2SC4554
Download  2SC4554 Click to download

File Size   111.96 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR FOR SWITCHING

2SC4554 Datasheet (HTML) - NEC


2SC4554 Product details

NPN SILICON EPITAXIAL TRANSISTOR FOR SWITCHING

The 2SC4554 is a power transistor designed especially for low collector saturation voltage and features large current switching at a low power dissipation.
In addition, a high hFE enables alleviation of the driver load.

FEATURES
• High hFE and low VCE(sat):
   hFE ≅ 800 (VCE = 2 V, IC = 5 A)
   VCE(sat) ≅ 0.12 V (IC = 5 A, IB = 0.05 A)
• On-chip C to E damper diode
• Mold package that does not require an insulating board or
   insulation bushing




Similar Part No. - 2SC4554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC4554 ETC-2SC4554 Datasheet
86Kb / 2P
2SC4554
logo
Renesas Technology Corp
2SC4554 RENESAS-2SC4554 Datasheet
235Kb / 8P
SILICON POWER TRANSISTOR
2002
2SC4554 RENESAS-2SC4554_15 Datasheet
235Kb / 8P
SILICON POWER TRANSISTOR
More results


Similar Description - 2SC4554

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4336 NEC-2SC4336 Datasheet
128Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4552 NEC-2SC4552 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SD2383 NEC-2SD2383 Datasheet
114Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE SWITCHING
logo
Seme LAB
BFX85 SEME-LAB-BFX85 Datasheet
22Kb / 2P
NPN SILICON EPITAXIAL SWITCHING TRANSISTOR
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331_15 Datasheet
276Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com