Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4813 Datasheet (PDF) - NEC

2SC4813 Datasheet PDF - NEC
Part # 2SC4813
Download  2SC4813 Download
File Size   169.8 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

2SC4813 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4813 Datasheet PDF - NEC

Part # 2SC4813
Download  2SC4813 Click to download

File Size   169.8 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

2SC4813 Datasheet (HTML) - NEC


2SC4813 Product details

NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

The 2SC4813 is a power transistor developed for high-speed switching and features high hFE and low VCE(sat). This transistor is ideal for use as a driver in DC/DC converters and actuators.
In addition, this transistor features a package that can be auto-mounted in radial taping specifications, thus contributing to mounting cost reduction.

FEATURES
• Low VCE(sat): VCE(sat) ≤ 0.3 V @IC = 3.0 A, IB = 30 mA
• High hFE: hFE = 450 to 2,000 @VCE = 2.0 V, IC = 3.0 A
• On-chip dumper-diode
• Auto-mounting possible in radial taping specifications




Similar Part No. - 2SC4813

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4813 RENESAS-2SC4813 Datasheet
294Kb / 8P
SILICON POWER TRANSISTOR
2002
More results


Similar Description - 2SC4813

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC2334 NEC-2SC2334 Datasheet
116Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4332 NEC-2SC4332 Datasheet
34Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4336 NEC-2SC4336 Datasheet
128Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4552 NEC-2SC4552 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331_15 Datasheet
276Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com