Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3112 Datasheet (PDF) - NEC

2SK3112 Datasheet PDF - NEC
Part # 2SK3112
Download  2SK3112 Download
File Size   79.19 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE

2SK3112 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3112 Datasheet PDF - NEC

Part # 2SK3112
Download  2SK3112 Click to download

File Size   79.19 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE

2SK3112 Datasheet (HTML) - NEC


2SK3112 Product details

DESCRIPTION
The 2SK3112 is N-channel MOS FET device that features a low on-state resistance and excellent switching characteristics, and designed for high voltage applications such as DC/DC converter, actuator driver.

FEATURES
• Gate voltage rating ±30 V
• Low on-state resistance RDS(on) = 110 mΩ MAX. (VGS = 10 V, ID = 13 A)
• Low input capacitance Ciss = 1600 pF TYP. (VDS = 10 V, VGS = 0 V)
• Avalanche capability rated
• Built-in gate protection diode
• Surface mount device available




Similar Part No. - 2SK3112

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3112 KEXIN-2SK3112 Datasheet
46Kb / 1P
MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3112 ISC-2SK3112 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3112 RENESAS-2SK3112 Datasheet
244Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
Inchange Semiconductor ...
2SK3112-S ISC-2SK3112-S Datasheet
326Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3112-S RENESAS-2SK3112-S Datasheet
244Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
More results


Similar Description - 2SK3112

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP80N055 NEC-NP80N055 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com