Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3576 Datasheet (PDF) - NEC

2SK3576 Datasheet PDF - NEC
Part # 2SK3576
Download  2SK3576 Download
File Size   66.99 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING

2SK3576 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3576 Datasheet PDF - NEC

Part # 2SK3576
Download  2SK3576 Click to download

File Size   66.99 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING

2SK3576 Datasheet (HTML) - NEC


2SK3576 Product details

DESCRIPTION
The 2SK3576 is a switching device which can be driven directly by a 2.5 V power source.
The device features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.

FEATURES
• 2.5V drive available
• Low on-state resistance
   RDS(on)1 = 50 mΩ MAX. (VGS = 4.5 V, ID = 2.0 A)
   RDS(on)2 = 53 mΩ MAX. (VGS = 4.0 V, ID = 2.0 A)
   RDS(on)3 = 75 mΩ MAX. (VGS = 2.5 V, ID = 2.0 A)




Similar Part No. - 2SK3576

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3576 RENESAS-2SK3576 Datasheet
201Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Similar Description - 2SK3576

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK1399 NEC-2SK1399 Datasheet
46Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2541 NEC-2SK2541 Datasheet
294Kb / 6P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING?
2SK2857 NEC-2SK2857 Datasheet
62Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2858 NEC-2SK2858 Datasheet
50Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3107 NEC-2SK3107 Datasheet
50Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA611TA NEC-UPA611TA Datasheet
52Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3503 NEC-2SK3503 Datasheet
114Kb / 5P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3577 NEC-2SK3577 Datasheet
70Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA675T NEC-UPA675T Datasheet
49Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com