Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3783 Datasheet (PDF) - NEC

2SK3783 Datasheet PDF - NEC
Part # 2SK3783
Download  2SK3783 Download
File Size   111.57 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM

2SK3783 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3783 Datasheet PDF - NEC

Part # 2SK3783
Download  2SK3783 Click to download

File Size   111.57 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM

2SK3783 Datasheet (HTML) - NEC


2SK3783 Product details

DESCRIPTION
The 2SK3783 is suitable for converter of ECM.

FEATURES
• High gain
    −0.5 dB (VDS = 2.0 V, C = 5 pF, RL = 2.2 kΩ)
• Low noise
    −109 dB (VDS = 2.0 V, C = 5 pF, RL = 2.2 kΩ)
• Super small area package
    1006 TYP. lead less




Similar Part No. - 2SK3783

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3783 RENESAS-2SK3783 Datasheet
273Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2004
More results


Similar Description - 2SK3783

ManufacturerPart #DatasheetDescription
logo
NEC
2SK660 NEC-2SK660 Datasheet
38Kb / 8P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK1109 NEC-2SK1109 Datasheet
45Kb / 8P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230B NEC-2SK3230B Datasheet
123Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3653B NEC-2SK3653B Datasheet
123Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3717 NEC-2SK3717 Datasheet
43Kb / 4P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3719 NEC-2SK3719 Datasheet
116Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3782 NEC-2SK3782 Datasheet
111Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
Renesas Technology Corp
2SK2552 RENESAS-2SK2552 Datasheet
120Kb / 6P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
November 2004
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com