Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXL2T245 Datasheet (PDF) - ON Semiconductor

FXL2T245 Datasheet PDF - ON Semiconductor
Part # FXL2T245
Download  FXL2T245 Download
File Size   728.57 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage, Dual-Supply, 2-Bit, Signal Translator

FXL2T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXL2T245 Datasheet PDF - ON Semiconductor

Part # FXL2T245
Download  FXL2T245 Click to download

File Size   728.57 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage, Dual-Supply, 2-Bit, Signal Translator

FXL2T245 Datasheet (HTML) - ON Semiconductor


FXL2T245 Product details

Description
The FXL2T245 is a configurable, dual-voltage-supply translator designed for uni-directional and bi-directional voltage translation between two logic levels. The device allows translation between voltages as high as 3.6 V to as low as 1.1 V. The A port tracks the VCCA level and the B port tracks the VCCB level. This allows for bi-directional voltage translation over a variety of voltage levels: 1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V.

Features
■ Bi-Directional Interface between any 2 Levels from 1.1 V to 3.6 V
■ Fully Configurable, Inputs Track VCC Level
■ Non-Preferential Power-up Sequencing; either VCC maybe Powered-up First
■ Outputs Remain in 3-State until Active VCC Level is Reached
■ Outputs Switch to 3-State if either VCC is at GND
■ Power-Off Protection
■ Control Inputs (T/R, OE) Levels are Referenced to VCCA Voltage
■ Packaged in 10-Lead MicroPak (1.6 mm x 2.1 mm) Package
■ ESD Protection Exceeds:
   - 4 kV HBM ESD JESD22-A114 & Mil Std 883e 3015.7)
   - 8kV HBM I/O to GND ESD (per JESD22-A114 & Mil Std 883e 3015.7)
   - 1 kV CDM ESD (per ESD STM 5.3)
   - 200 V MM ESD (per JESD22-A115 & ESD STM5.2)




Similar Part No. - FXL2T245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2T245L10X FAIRCHILD-FXL2T245L10X Datasheet
357Kb / 9P
Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
More results


Similar Description - FXL2T245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXL2TD245 ONSEMI-FXL2TD245 Datasheet
966Kb / 14P
Low Voltage Dual Supply 2-Bit Signal Translator
November 2006 Rev. 1.0.4
FXL4T245 ONSEMI-FXL4T245 Datasheet
613Kb / 11P
Low Voltage Dual Supply 4-Bit Signal Translator
Revised June 2004
FXL4TD245 ONSEMI-FXL4TD245 Datasheet
657Kb / 16P
Low-Voltage Dual-Supply 4-Bit Signal Translator
August 2009 Rev. 1.0.6
FXL5T244 ONSEMI-FXL5T244 Datasheet
609Kb / 10P
Low Voltage Dual Supply 5-Bit Signal Translator
Revised June 2004
FXL4245 ONSEMI-FXL4245 Datasheet
601Kb / 13P
Low-Voltage, Dual-Supply, 8-Bit, Signal Translator
May 2014 Rev. 1.0.4
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
FXLH42245 ONSEMI-FXLH42245 Datasheet
570Kb / 14P
Low-Voltage, Dual-Supply, 8-Bit, Signal Translator
June 2009 Rev. 1.0.3
FXMA108 ONSEMI-FXMA108 Datasheet
646Kb / 20P
Dual-Supply, 8-Bit Signal Translator
July 2010 Rev. 1.0.1
FXMAR2102 ONSEMI-FXMAR2102 Datasheet
444Kb / 18P
Dual-Supply, 2-Bit Voltage Translator / Isolator
July 2014 Rev. 1.0.3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com