Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP34FHX Datasheet (PDF) - ON Semiconductor

FXLP34FHX Datasheet PDF - ON Semiconductor
Part # FXLP34FHX
Download  FXLP34FHX Download
File Size   623.8 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Bit Uni-Directional Translator

FXLP34FHX Datasheet (PDF)

Go To PDF Page Download Datasheet
FXLP34FHX Datasheet PDF - ON Semiconductor

Part # FXLP34FHX
Download  FXLP34FHX Click to download

File Size   623.8 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Bit Uni-Directional Translator

FXLP34FHX Datasheet (HTML) - ON Semiconductor


FXLP34FHX Product details

Description
The FXLP34 is a single translator with two separate supply voltages: VCC1 for input translation voltages and VCC for output translation voltages. The FXLP34 is part of Fairchild’s Ultra Low Power (ULP) series of products. This device operates with VCC values from 1.0V to 3.6V, and is intended for use in portable applications that require ultra low power consumption.

Features
■ 1.0V to 3.6V VCC Supply Voltage
■ Converts Any Voltage (1.0V to 3.6V) to (1.0V to 3.6V)
■ 4.6V Tolerant Inputs and Outputs
■ tPD:
    - 4ns Typical for 3.0V to 3.6V VCC
■ Power-Off High Impedance Inputs and Outputs
■ Static Drive (IOH/IOL):
    - ±2.6mA at 3.00V VCC
■ Uses Proprietary Quiet Series™ Noise / EMI Reduction Circuitry
■ Ultra-Small Micropak™ Leadless Packages
■ Ultra-Low Dynamic Power




Similar Part No. - FXLP34FHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34FHX FAIRCHILD-FXLP34FHX Datasheet
680Kb / 12P
Single Bit Uni-Directional Translator
FXLP34FHX FAIRCHILD-FXLP34FHX_11 Datasheet
680Kb / 12P
Single Bit Uni-Directional Translator
More results


Similar Description - FXLP34FHX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
2-bit bi-directional low voltage translator
2004 Sep 29
logo
Fairchild Semiconductor
FXLP34 FAIRCHILD-FXLP34 Datasheet
322Kb / 11P
Single Bit Uni-Directional Translator
FXLP34 FAIRCHILD-FXLP34_06 Datasheet
726Kb / 12P
Single Bit Uni-Directional Translator
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
22-bit bi-directional low voltage translator
2003 Apr 01
logo
Fairchild Semiconductor
FXLP34 FAIRCHILD-FXLP34_11 Datasheet
680Kb / 12P
Single Bit Uni-Directional Translator
FXLP34FHX FAIRCHILD-FXLP34FHX Datasheet
680Kb / 12P
Single Bit Uni-Directional Translator
logo
JFW Industries, Inc.
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
UNI-DIRECTIONAL FIXED ATTENUATOR
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
FIXED ATTENUATOR UNI-DIRECTIONAL
logo
Rectron Semiconductor
TEP12T RECTRON-TEP12T Datasheet
293Kb / 5P
Single Line Uni-directional Transient Voltage Suppressor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com