Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA1793 Datasheet (PDF) - NEC

UPA1793 Datasheet PDF - NEC
Part # UPA1793
Download  UPA1793 Download
File Size   118.52 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N- AND P-CHANNEL POWER MOS FET

UPA1793 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1793 Datasheet PDF - NEC

Part # UPA1793
Download  UPA1793 Click to download

File Size   118.52 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N- AND P-CHANNEL POWER MOS FET

UPA1793 Datasheet (HTML) - NEC


UPA1793 Product details

DESCRIPTION
The µPA1793 is N- and P-Channel MOS Field Effect Transistors designed for Motor Drive application.

FEATURES
• Low on-state resistance
    N-Channel RDS(on)1 = 69 mΩ MAX. (VGS = 4.5 V, ID = 1.5 A)
                       RDS(on)2 = 72 mΩ MAX. (VGS = 4.0 V, ID = 1.5 A)
                       RDS(on)3 = 107 mΩ MAX. (VGS = 2.5 V, ID = 1.0 A)
    P-Channel RDS(on)1 = 115 mΩ MAX. (VGS = –4.5 V, ID = –1.5 A)
                       RDS(on)2 = 120 mΩ MAX. (VGS = –4.0 V, ID = –1.5 A)
                       RDS(on)3 = 190 mΩ MAX. (VGS = –2.5 V, ID = –1.0 A)
• Low input capacitance
    N-Channel Ciss = 160 pF TYP.
    P-Channel Ciss = 370 pF TYP.
• Built-in G-S protection diode
• Small and surface mount package (Power SOP8)




Similar Part No. - UPA1793

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1793 RENESAS-UPA1793 Datasheet
346Kb / 14P
MOS FIELD EFFECT TRANSISTOR
2002
UPA1793G RENESAS-UPA1793G Datasheet
346Kb / 14P
MOS FIELD EFFECT TRANSISTOR
2002
More results


Similar Description - UPA1793

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1790 NEC-UPA1790 Datasheet
53Kb / 8P
SWITCHING N-AND P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1792 NEC-UPA1792 Datasheet
104Kb / 7P
SWITCHING N- AND P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA2790GR NEC-UPA2790GR Datasheet
198Kb / 11P
SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R Datasheet
146Kb / 11P
Silicon N/P Channel Power MOS FET Power Switching
logo
NEC
UPA2791GR NEC-UPA2791GR Datasheet
248Kb / 12P
MOS FIELD EFFECT TRANSISTOR SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
PA2792AGR RENESAS-PA2792AGR_15 Datasheet
350Kb / 14P
SWITCHING N- AND P-CHANNEL POWER MOS FET
PA2793AGR RENESAS-PA2793AGR_15 Datasheet
349Kb / 14P
SWITCHING N- AND P-CHANNEL POWER MOS FET
PA2794AGR RENESAS-PA2794AGR_15 Datasheet
350Kb / 14P
SWITCHING N- AND P-CHANNEL POWER MOS FET
HAT3019R RENESAS-HAT3019R Datasheet
535Kb / 11P
Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_16 Datasheet
257Kb / 11P
Silicon N/P Channel Power MOS FET Power Switching
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com