Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM66207 Datasheet (PDF) - OKI electronic componets

MSM66207 Datasheet PDF - OKI electronic componets
Part # MSM66207
Download  MSM66207 Download
File Size   621.37 Kbytes
Page   33 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER

MSM66207 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM66207 Datasheet PDF - OKI electronic componets

Part # MSM66207
Download  MSM66207 Click to download

File Size   621.37 Kbytes
Page   33 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER

MSM66207 Datasheet (HTML) - OKI electronic componets


MSM66207 Product details

GENERAL DESCRIPTION

The MSM66201/66207 is a high performance microcontroller that employs OKI original nX-8/200 CPU core. This chip includes a 16-bit CPU, ROM, RAM, I/O ports, multifunction 16-bit timers, 10-bit A/D converter, serial I/O port, and pulse width modulator (PWM). The MSM66P201/66P207 is the OTP (One-Time Programmable) version of the MSM66201/66207.



FEATURES

• 64K address space for program memory : Internal ROM : MSM66201 16K bytes

                                                                             MSM66207 32K bytes

• 64K address space for data memory : Internal RAM : MSM66201 512 bytes

                                                                       MSM66207 1024 bytes

• High-speed execution

   Minimum cycle for instruction : 400ns @ 10MHz

• Powerful instruction set : Instruction set superior in orthogonal matrix

                                    8/16-bit data transfer instructions

                                    8/16-bit arithmetic instructions

                                    Multiplication and division operation instructions

                                    Bit manipulation instructions

                                    Bit logic instrucitons

                                    ROM table reference instructions

• Abundant addressing modes : Register addressing

                                          Page addressing

                                          Pointing register indirect addressing

                                          Stack addressing

                                          Immediate value addressing

• I/O port

   Input-output port : 5 ports x 8 bits

                            (Each bit can be assigned to input or output)

   Input port : 1 port x 8 bits

• Built-in multifunctional 16-bit timer : 4

   Following 4 modes can be set for each timer : Auto-reload timer mode

                                                                Clock output mode

                                                                Capture register mode

                                                                Real time output mode

• Serial port : 1 channel (Synchronous/UART switchable mode with baud rate generators)

• 16-bit pulse width modulator : 2

• Watchdog timer

• Transition detector : 4

• 10-bit A/D converter : 8 channels

• Interrupts

   Nonmaskable : 1

   Maskable : Internal 16/external 2

• Stand-by function

   STOP mode : Software clock stop mode

   HALT mode : Software CPU stop mode

   HOLD mode : Hardware CPU stop mode



 




Similar Part No. - MSM66207

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66207 OKI-MSM66207 Datasheet
579Kb / 30P
OLMS-66K Series 16-Bit Microcontroller
More results


Similar Description - MSM66207

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65511 OKI-MSM65511 Datasheet
344Kb / 25P
Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512 OKI-MSM65512 Datasheet
394Kb / 26P
Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65513 OKI-MSM65513 Datasheet
405Kb / 27P
Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65524 OKI-MSM65524 Datasheet
428Kb / 27P
Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM66587 OKI-MSM66587 Datasheet
68Kb / 2P
OKI Original High Performance CMOS 16-Bit Microcontroller
logo
Toshiba Semiconductor
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
Original CMOS 16-Bit Microcontroller
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
Original CMOS 16-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com