Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6636B Datasheet (PDF) - OKI electronic componets

MSM6636B Datasheet PDF - OKI electronic componets
Part # MSM6636B
Download  MSM6636B Download
File Size   102.35 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN

MSM6636B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6636B Datasheet PDF - OKI electronic componets

Part # MSM6636B
Download  MSM6636B Click to download

File Size   102.35 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN

MSM6636B Datasheet (HTML) - OKI electronic componets


MSM6636B Product details

GENERAL DESCRIPTION

The MSM6636B is a transmission controller for automotive LAN based on data communication protocol SAE-J1850. This device can realize a data bus topology bus LAN system with a PWM bit encoding method (41.6 kbps). In addition to a protocol control circuit, MSM6636B has an enclosed quartz oscillation circuit, host CPU interface (parallel interface), a transmit/receive buffer, and a bus receiver circuit that decreases the burden on the host CPU.



FEATURES

• Based on SAE-J1850 CLASS B DATA COMMUNICATION NETWORK INTERFACE (issued August 12, 1991)

• Non-destructive collision and priority control using CSMA/CD

• Internal transmit buffer (1 frame) and receive buffer (2 frames)

• Modulating/demodulating: PWM (Pulse Width Modulation)

• Transmission speed: 41.6 kbps

• Multi-address setting with physical addressing: 1 type / functional addressing: 15 types

• Address filter function by multi-addressing (broadcasting possible)

• Automatic retransmission function by arbitration loss and non ACK

• Three types of in-frame response support:

   ① Single-byte response from a single node

   ② Multi-byte response from a single node (with CRC code)

   ③ Single-byte response from multiple nodes (ID response as ACK)

• Error detection by cyclic redundancy check (CRC)

• Various communication error detections

• Dual-wire bus abnormality detection by internal bus receiver and fault tolerance function

• Host CPU interface is accessed in parallel

• Sleep function

Low current consumption mode by oscillation stop (IDS Max < 50µA)

SLEEP / WAKE UP control from host CPU, WAKE UP via LAN bus

• Package: 24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM6636BGS-K)



 




Similar Part No. - MSM6636B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636 OKI-MSM6636 Datasheet
109Kb / 11P
SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
More results


Similar Description - MSM6636B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636 OKI-MSM6636 Datasheet
109Kb / 11P
SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
Intersil Corporation
HIP7020 INTERSIL-HIP7020 Datasheet
81Kb / 11P
J1850 Bus Transceiver For Multiplex Wiring Systems
1998 06
logo
NXP Semiconductors
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
SAE/J1850/VPW transceiver
1998 Jun 30
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
SAE/J1850/VPW transceiver
2001 Jun 19
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP554 TOSHIBA-TLP554_07 Datasheet
370Kb / 8P
SIMPLEX/MULTIPLEX DATA TRANSMISSION
logo
M-System Co.,Ltd.
22LA1 MSYSTEM-22LA1 Datasheet
436Kb / 22P
Multiplex Transmission System
CND MSYSTEM-CND Datasheet
302Kb / 7P
Multiplex Transmission System
DAL4 MSYSTEM-DAL4 Datasheet
153Kb / 6P
Multiplex Transmission System
DLA1 MSYSTEM-DLA1 Datasheet
577Kb / 33P
Multiplex Transmission System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com