Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1034 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-1034 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-1034
Download  HDMP-1034 Download
File Size   346.79 Kbytes
Page   32 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate

HDMP-1034 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-1034 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-1034
Download  HDMP-1034 Click to download

File Size   346.79 Kbytes
Page   32 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate

HDMP-1034 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-1034 Product details

Description
The HDMP-1032 transmitter and HDMP-1034 receiver are used together to build a high-speed data link for point-to-point communication. These silicon bipolar transmitter and receiver chips are housed in standard plastic 64 pin PQFP packages.

Features
• 3.3 V supply, low power dissipation 590 mW Tx, 660 mW Rx
• On-chip encode/decode using Conditional Inversion Master Transition (CIMT) protocol
• 1:N broadcast ready configurable receiver inputs allow multi-point data broadcast using a single transmitter
• Parallel Automatic Synchronization System (PASS) allows receiver to read recovered words with local reference clock
• Robust simplex mode
• Wide range serial rate 260-1400 MBaud (user selectable)
• 5 V tolerant TTL interface 16 or 17 Bits wide
• Low cost 64 pin plastic package 14x14 mm2 PQFP

Applications
• Cellular base station
• ATM switch
• Backplane/bus extender
• Video, image acquisition
• Point to point data link
• Implement SCI-FI standard




Similar Part No. - HDMP-1034

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1034A HP-HDMP-1034A Datasheet
252Kb / 32P
Transmitter/Receiver Chip Set
More results


Similar Description - HDMP-1034

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Agilent(Hewlett-Packard...
HDMP-1032A HP-HDMP-1032A Datasheet
252Kb / 32P
Transmitter/Receiver Chip Set
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
UHF FM Data Transmitter and Receiver Modules
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH_06 Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
logo
Radiometrix Ltd
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
UHF FM Data Transmitter and Receiver Modules
logo
Intersil Corporation
TW6872 INTERSIL-TW6872 Datasheet
150Kb / 2P
Triple-Rate (SD/HD/3G) SDI Transmitter with VC-2 Encoder and Audio Decoder
May 23, 2014
logo
Renesas Technology Corp
TW6872 RENESAS-TW6872 Datasheet
1Mb / 44P
Triple-Rate (SD/HD/3G) SDI Transmitter with VC-2 Encoder and Audio Decoder
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com