Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR7035 Datasheet (PDF) - ATMEL Corporation

ATR7035 Datasheet PDF - ATMEL Corporation
Part # ATR7035
Download  ATR7035 Download
File Size   167.85 Kbytes
Page   3 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ATR7035 ATR7035

ATR7035 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATR7035 Datasheet PDF - ATMEL Corporation

Part # ATR7035
Download  ATR7035 Click to download

File Size   167.85 Kbytes
Page   3 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ATR7035 ATR7035

ATR7035 Datasheet (HTML) - ATMEL Corporation


ATR7035 Product details

Description
Process
The 5-GHz power amplifier is designed using Atmel’s Silicon-Germanium (SiGe) process and provides excellent noise performance as well as good power-added efficiency.

Circuitry
The PA consists of a 2-stage amplifier with a maximum output power of 28 dBm. The output stages were realized using an open-collector structure. The IC features 50-Ω input matching. Power-up/down and output level are controlled at bias control pin 6 (VCTL).

Features
• Frequency Range 5 GHz to 6 GHz
• POUT Maximum 28 dBm
• Gain Typically 19 dB
• VCC 3.0 V to 3.9 V
• Package: QFN16
• Current Consumption in Power Down Mode Typically ≤15 µA

Benefits
• Biasing Control Extends Battery Life Time
• Simple Input and Output Matching
• One Single Supply Voltage Required




Similar Part No. - ATR7035

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7035-PEQG ATMEL-ATR7035-PEQG Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
ATR7035-PESG ATMEL-ATR7035-PESG Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
More results






About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com