Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5471 Datasheet (PDF) - Maxim Integrated Products

MAX5471 Datasheet PDF - Maxim Integrated Products
Part # MAX5471
Download  MAX5471 Download
File Size   336.34 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers

MAX5471 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5471 Datasheet PDF - Maxim Integrated Products

Part # MAX5471
Download  MAX5471 Click to download

File Size   336.34 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers

MAX5471 Datasheet (HTML) - Maxim Integrated Products


MAX5471 Product details

General Description

The MAX5471/MAX5472/MAX5474/MAX5475 linear taper digital potentiometers function as mechanical potentiometers, but replace the mechanics with a simple 3-wire up/down digital interface. These digital potentiometers feature nonvolatile memory (EEPROM) to return the wiper to its previously stored position upon power-up.

The MAX5471/MAX5472 are 2-terminal, variable resistors in 6-pin SOT23 packages. The MAX5474/MAX5475 are 3-terminal potentiometers in 8-pin SOT23 packages.



Features

♦ Wiper Position Stored in Nonvolatile Memory and Recalled Upon Power-Up

♦ Tiny SOT23 Package

♦ 35ppm/°C End-to-End Resistance Temperature Coefficient

♦ 5ppm/°C Ratiometric Temperature Coefficient

♦ 32 Tap Positions

♦ Voltage-Divider or Variable-Resistor Potentiometer Configuration

♦ 50kΩ and 100kΩ End-to-End Resistance Values

♦ 1µA (max) Static Supply Current

♦ 2.7V to 5.25V Single-Supply Operation

♦ 200,000 Wiper Store Cycles

♦ 50-Year Wiper Data Retention



Applications

  Mechanical Potentiometer Replacement

  Liquid-Crystal-Display (LCD) Screen Adjustment

  Audio Volume Control

  Programmable Filters



 




Similar Part No. - MAX5471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5471EZT MAXIM-MAX5471EZT Datasheet
297Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
More results


Similar Description - MAX5471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com