Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36DY182F100AM2A Datasheet (PDF) - Vishay Siliconix

36DY182F100AM2A Datasheet PDF - Vishay Siliconix
Part # 36DY182F100AM2A
Download  36DY182F100AM2A Download
File Size   205.58 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 85 C, Large Can

36DY182F100AM2A Datasheet (PDF)

Go To PDF Page Download Datasheet
36DY182F100AM2A Datasheet PDF - Vishay Siliconix

Part # 36DY182F100AM2A
Download  36DY182F100AM2A Click to download

File Size   205.58 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 85 C, Large Can

36DY182F100AM2A Datasheet (HTML) - Vishay Siliconix


36DY182F100AM2A Product details

FEATURES
• Useful life: 2000 h at + 85 °C
• The industry standard for large can aluminum capacitors
• Ideal for high wattage power supplies and energy storage applications
• Capacitance values to 2.2 F
• Largest CV available
• Highest voltage available
• Screw terminal
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - 36DY182F100AM2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY182F100AM2A VISHAY-36DY182F100AM2A Datasheet
179Kb / 7P
Aluminum Capacitors 85 °C, Large Can
29-Aug-08
More results


Similar Description - 36DY182F100AM2A

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
Large Can Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
36DA VISHAY-36DA Datasheet
249Kb / 7P
Aluminum Capacitors 85 °C and 95 °C, Large Can
29-Aug-08
36DY VISHAY-36DY_08 Datasheet
179Kb / 7P
Aluminum Capacitors 85 °C, Large Can
29-Aug-08
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
Aluminum Capacitors 85 °C, Large Can
18-Mar-13
logo
Panasonic Semiconductor
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
Large Can Aluminum Electrolytic Capacitors
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
Large Can Aluminum Electrolytic Capacitors
ECE-T1VP563FA PANASONIC-ECE-T1VP563FA Datasheet
399Kb / 3P
Large Can Aluminum Electrolytic Capacitors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com