Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1084-18GK Datasheet (PDF) - Fortune Semiconductor Corp.

FS1084-18GK Datasheet PDF - Fortune Semiconductor Corp.
Part # FS1084-18GK
Download  FS1084-18GK Download
File Size   409.11 Kbytes
Page   9 Pages
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.
Description 5.0A Adjustable & Fixed Voltage LDO Linear Regulator

FS1084-18GK Datasheet (PDF)

Go To PDF Page Download Datasheet
FS1084-18GK Datasheet PDF - Fortune Semiconductor Corp.

Part # FS1084-18GK
Download  FS1084-18GK Click to download

File Size   409.11 Kbytes
Page   9 Pages
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.
Description 5.0A Adjustable & Fixed Voltage LDO Linear Regulator

FS1084-18GK Datasheet (HTML) - Fortune Semiconductor Corp.




Similar Part No. - FS1084-18GK

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS10 XPPOWER-FS10 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
FS10-110 ETC2-FS10-110 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS10-110 TRIAD-FS10-110 Datasheet
87Kb / 1P
PC MOUNT:SPLIT PACK
FS10-110-C2 TRIAD-FS10-110-C2 Datasheet
56Kb / 1P
CLASS 2 TRANSFORMER
FS10-1200 TRIAD-FS10-1200 Datasheet
44Kb / 1P
FS10-1200
More results


Similar Description - FS1084-18GK

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Orister Corporation
RS7110 ORISTER-RS7110 Datasheet
599Kb / 9P
1.5A Fixed Voltage LDO Linear Regulator
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
1A Adjustable & Fixed Voltage LDO Linear Regulator
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
1.5A Fixed Voltage LDO Linear Regulator
logo
Fortune Semiconductor C...
FS1117 FORTUNE-FS1117 Datasheet
764Kb / 9P
1.0A Adjustable & Fixed Voltage LDO Linear Regulato
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
1.0A Adjustable & Fixed Voltage LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com