Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6101 Datasheet (PDF) - Feeling Technology Corp.

FP6101 Datasheet PDF - Feeling Technology Corp.
Part # FP6101
Download  FP6101 Download
File Size   428.15 Kbytes
Page   12 Pages
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.
Description 20V, 2A Buck Switching Regulator

FP6101 Datasheet (PDF)

Go To PDF Page Download Datasheet
FP6101 Datasheet PDF - Feeling Technology Corp.

Part # FP6101
Download  FP6101 Click to download

File Size   428.15 Kbytes
Page   12 Pages
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.
Description 20V, 2A Buck Switching Regulator

FP6101 Datasheet (HTML) - Feeling Technology Corp.




Similar Part No. - FP6101

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP6102 FEELING-FP6102 Datasheet
634Kb / 12P
20V, 3A Buck Switching Regulator
FP6102DR-LF FEELING-FP6102DR-LF Datasheet
634Kb / 12P
20V, 3A Buck Switching Regulator
More results


Similar Description - FP6101

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
logo
STMicroelectronics
L4972A STMICROELECTRONICS-L4972A_05 Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
150KHz, 2A PWM Buck Switching Regulator
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
2A / 150KHz Buck Switching Regulator
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
2A / 52KHz Buck Switching Regulator
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
logo
Unisonic Technologies
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Feeling Technology Corp...
FP6102 FEELING-FP6102 Datasheet
634Kb / 12P
20V, 3A Buck Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com