Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM66P54 Datasheet (PDF) - OKI electronic componets

MSM66P54 Datasheet PDF - OKI electronic componets
Part # MSM66P54
Download  MSM66P54 Download
File Size   298.26 Kbytes
Page   22 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description One-Time Programmable (OTP) Speech Synthesizer

MSM66P54 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM66P54 Datasheet PDF - OKI electronic componets

Part # MSM66P54
Download  MSM66P54 Click to download

File Size   298.26 Kbytes
Page   22 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description One-Time Programmable (OTP) Speech Synthesizer

MSM66P54 Datasheet (HTML) - OKI electronic componets


MSM66P54 Product details

DESCRIPTION
The MSM66P54 is a one-time-programmable (OTP) version of the MSM6654 speech synthesizer, suitable for evaluation of the MSM6650 family and code development. This part is also suitable for applications requiring small quantities and/or short-term delivery after code completion. The PC-based AR76-202 Speech Development System is used for speech encoding, editing, and programming of the MSM66P54.

FEATURES
• Single-chip synthesizer
• 4-bit ADPCM or 8-bit PCM sound playback
• Melody function
• Edit ROM function
• Built-in two-channel mixing function
• Internal random playback function
• Fade-out function
• Built-in “beep” tones at 0.5, 1.0, 1.6, and 2.0 kHz
• Sampling frequency of 4.0, 5.3, 6.4, 8.0, 10.6, 12.8, 16, or 32 kHz[1]
• Up to 127 phrases
• Internal 12-bit D/A converter
• Internal -40 dB/octave low-pass filter (LPF)
• Built-in standby function
• Selectable RC oscillation or ceramic/crystal oscillation
• Package options include 20-pin DIP (DIP20-P-300), 24-pin SOP (SOP24-P-430-2K), or die




Similar Part No. - MSM66P54

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66P54 OKI-MSM66P54 Datasheet
259Kb / 50P
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM66P54 OKI-MSM66P54 Datasheet
331Kb / 46P
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM66P54-XX OKI-MSM66P54-XX Datasheet
452Kb / 45P
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
More results


Similar Description - MSM66P54

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
8-Bit One-Time Programmable OTP Microcontroller
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
8-Bit One-Time Programmable (OTP) Microcontroller
logo
Zilog, Inc.
Z8PE002 ZILOG-Z8PE002 Datasheet
608Kb / 48P
FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
NEC
UPD75P66 NEC-UPD75P66 Datasheet
747Kb / 20P
4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputer With Comparator
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
List of Unclassifed Man...
SC-01 ETC1-SC-01 Datasheet
1Mb / 41P
Speech Synthesizer
logo
SONiX Technology Compan...
SNC15120P SONIX-SNC15120P Datasheet
141Kb / 11P
One Channel Speech Controller OTP
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
One-time programmable (OTP) read-only memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com