Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N26 Datasheet (PDF) - Lite-On Technology Corporation

4N26 Datasheet PDF - Lite-On Technology Corporation
Part # 4N26
Download  4N26 Download
File Size   757.52 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description GENERAL PURPOSE TYPE PHOTOCOUPLER

4N26 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N26 Datasheet PDF - Lite-On Technology Corporation

Part # 4N26
Download  4N26 Click to download

File Size   757.52 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description GENERAL PURPOSE TYPE PHOTOCOUPLER

4N26 Datasheet (HTML) - Lite-On Technology Corporation


4N26 Product details

Features
• Response Time
 (tr : TYP,3 μ s at VCE=10V, IC=2mA, RL=100Ω)
• UL approved (No. E113898)
• TUV approved (No.R9653630)
• CSA approved (No. CA91533-1)
• FIMKO approved (No. 193422)
• NEMKO approved (No. P96103013)
• DEMKO approved (No. 303985)
• SEMKO approved (No. 9646047/01-30)
• VDE approved (No. 094722 )
• Options available :
 -Leads with 0.4"(10.16mm)spacing (M Type)
 -Leads bends for surface mounting(S Type)
 -Tape and Reel of Type I for SMD(Add"-TA"Suffix)
 -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
 -VDE 0884 approvals (Add"-V"Suffix)

Applications
1. I/O interfaces for computers.
2. System appliances, measuring instruments.
3. Signal transmission between circuits of different potentials and impedances.




Similar Part No. - 4N26

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N26 MOTOROLA-4N26 Datasheet
280Kb / 6P
6-Pin DIP Optoisolators Transistor Output
logo
QT Optoelectronics
4N26 QT-4N26 Datasheet
610Kb / 5P
GAAS INFRARED EMITTING DIODE
logo
Fairchild Semiconductor
4N26 FAIRCHILD-4N26 Datasheet
608Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N26 FAIRCHILD-4N26 Datasheet
210Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Infineon Technologies A...
4N26 INFINEON-4N26 Datasheet
408Kb / 6P
Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
More results


Similar Description - 4N26

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N135 SHARP-6N135 Datasheet
72Kb / 5P
General Purpose Type Photocoupler
PC4N35V SHARP-PC4N35V Datasheet
148Kb / 4P
GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPC6N135 COSMO-KPC6N135_12 Datasheet
173Kb / 5P
General Purpose Type Photocoupler
KPC6N135H COSMO-KPC6N135H Datasheet
176Kb / 5P
General Purpose Type Photocoupler
KPC6N136 COSMO-KPC6N136_12 Datasheet
173Kb / 5P
General Purpose Type Photocoupler
KPC6N136H COSMO-KPC6N136H Datasheet
173Kb / 5P
General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
General Purpose Type Photocoupler
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
General Purpose Type Photocoupler
KPC6N139H COSMO-KPC6N139H Datasheet
172Kb / 5P
General Purpose Type Photocoupler
KPC6N139S COSMO-KPC6N139S Datasheet
172Kb / 5P
General Purpose Type Photocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com