Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6791 Datasheet (PDF) - OKI electronic componets

MSM6791 Datasheet PDF - OKI electronic componets
Part # MSM6791
Download  MSM6791 Download
File Size   197.37 Kbytes
Page   10 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DRAM Interface IC

MSM6791 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6791 Datasheet PDF - OKI electronic componets

Part # MSM6791
Download  MSM6791 Click to download

File Size   197.37 Kbytes
Page   10 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DRAM Interface IC

MSM6791 Datasheet (HTML) - OKI electronic componets


MSM6791 Product details

GENERAL DESCRIPTION
The MSM6791 can be used as a memory for voice data by connecting OKI solid-state recording and playback ICs (MSM6688 and MSM6788).

FEATURES
• DRAM (· 1-bit configuration)
    1M-bit DRAM (MSM511000A, MSM511001A) : 8 pcs. can be connected.
    4M-bit DRAM (MSM514100A, MSM514101A) : 8 pcs. can be connected.
    16M-bit DRAM (MSM5116100A) : 2 pcs. can be connected.
Note: MSM511002A/MSM514102A that corresponds to a static column mode cannot be used.
• Power supply voltage : 5V single rail
• Built-in refresh circuit (RAS only refresh)
• Original oscillation frequency: 8MHz
• Bit rates: 10kbps, 12.5kbps, 16kbps in MSM6788
                                connection (8kHz sampling fixation)
                                7.5kbps, 9.4kbps, 12kbps in MSM6788
                                connection (6kHz sampling fixation)
                               16kbps~32kbps in MSM6688 connection
                               (4kHz~8kHz sampling)
• Package:
    44-pin plastic QFP (QFP44-P-910-2K) (Product name : MSM6791GS-2K)




Similar Part No. - MSM6791

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6794 OKI-MSM6794 Datasheet
170Kb / 34P
DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
More results


Similar Description - MSM6791

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6690 OKI-MSM6690 Datasheet
182Kb / 8P
ROM Interface IC
MSM6691 OKI-MSM6691 Datasheet
168Kb / 7P
DRAM Interface IC
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
IC card interface
1999 Oct 12
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
LCD Interface IC
CXD3508TQ SONY-CXD3508TQ Datasheet
258Kb / 18P
LCD Interface IC
logo
NXP Semiconductors
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
IC card interface
2004 July 12
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872-000E AVAGO-HCPL-0872-000E Datasheet
212Kb / 12P
Digital Interface IC
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
IC card interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com