Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6024 Datasheet (PDF) - Sanyo Semicon Device

2SC6024 Datasheet PDF - Sanyo Semicon Device
Part # 2SC6024
Download  2SC6024 Download
File Size   84.65 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF to C Band Low-Noise Amplifier and OSC Applications

2SC6024 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC6024 Datasheet PDF - Sanyo Semicon Device

Part # 2SC6024
Download  2SC6024 Click to download

File Size   84.65 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF to C Band Low-Noise Amplifier and OSC Applications

2SC6024 Datasheet (HTML) - Sanyo Semicon Device


2SC6024 Product details

UHF to C Band Low-Noise Amplifier and OSC Applications

Features
• Low-noise use : NF=1.2dB typ (f=2GHz).
• High cut-off frequency : fT=14GHz typ (VCE=1V). : fT=21GHz typ (VCE=3V).
• Low operating voltage.
• High gain : |S21e|2=12.5dB typ (f=2GHz).
• Ultraminiature and thin flat leadless package (1.4mm✕0.8mm✕0.6mm).




Similar Part No. - 2SC6024

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6020 SANYO-2SC6020 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
logo
Inchange Semiconductor ...
2SC6020 ISC-2SC6020 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
2SC6020 ISC-2SC6020 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
2SC6020-251 ISC-2SC6020-251 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
2SC6020-252 ISC-2SC6020-252 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - 2SC6024

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
UHF to S Band Low-Noise Amplifier and OSC Applications
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
UHF to C Band Low-Noise Amplifier Osc. Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
UHF to X Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
UHF to C Band Low-Noise Amplifier and OSC Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com