Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6997H Datasheet (PDF) - OKI electronic componets

MSM6997H Datasheet PDF - OKI electronic componets
Part # MSM6997H
Download  MSM6997H Download
File Size   179.74 Kbytes
Page   21 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Chip CODEC

MSM6997H Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6997H Datasheet PDF - OKI electronic componets

Part # MSM6997H
Download  MSM6997H Click to download

File Size   179.74 Kbytes
Page   21 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Chip CODEC

MSM6997H Datasheet (HTML) - OKI electronic componets


MSM6997H Product details

GENERAL DESCRIPTION
The MSM6996H/MSM6996V/MSM6997H/MSM6997V/MSM6998/MSM6999 are a single-channel CODEC CMOS ICs containing filters for A/D and D/A converting of the voice signal ranging from 300 Hz to 3400 Hz.

FEATURES
• Compliance with ITU-T companding Law
   MSM6996H/MSM6996V/MSM6998 : A-law
   MSM6997H/MSM6997V/MSM6999 : μ-law
• Capable of independent operation of transmission and reception
• Transmission clock in the range of 64 kHz to 2048 kHz
• Adjustable transmit gain
• 600 W drive for analog output
   MSM6996H/MSM6996V/MSM6997H/MSM6997V single end drive
   MSM6998/MSM6999 Push-pull drive
• Built-in analog loop back fanction
   MSM6996V/MSM6997V
• Built-in reference voltage source
• Low Power Dissipation (60 mW to 70 mW Typ.)
• Package options :
      16-pin plastic DIP (DIP16-P-300-2.54)
            (Product name : MSM6996HRS/MSM6997HRS)
            (Product name : MSM6996VRS/MSM6997VRS)
            (Product name : MSM6998RS/MSM6999RS)
      16-pin cer DIP (DIP16-G-300-2.54-1)
            (Product name : MSM6996HAS/MSM6997HAS)
            (Product name : MSM6996VAS/MSM6997VAS)
            (Product name : MSM6998AS/MSM6999AS)
      24-pin plastic SOP (SOP24-P-430-1.27-K)
            (Product name : MSM6996HGS-K/MSM6997HGS-K)
            (Product name : MSM6996VGS-K/MSM6997VGS-K)
            (Product name : MSM6998GS-K/MSM6999GS-K)




Similar Part No. - MSM6997H

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6927GS-2K OKI-MSM6927GS-2K Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6927GS-K OKI-MSM6927GS-K Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6927RS OKI-MSM6927RS Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
More results


Similar Description - MSM6997H

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
COMBINED SINGLE CHIP PCM CODEC AND FILTER
Dec-1993
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Harris Corporation
CD22354A HARRIS-CD22354A Datasheet
55Kb / 10P
CMOS Single-Chip, Full-Feature PCM CODEC
logo
fujitsu semiconductor
MB6026A FUJITSU-MB6026A Datasheet
1Mb / 19P
SINGLE CHIP CODEC WITH FILTERS
logo
Hitachi Semiconductor
HD44231P HITACHI-HD44231P Datasheet
671Kb / 11P
SINGLE CHIP CODEC WITH FILTERS(COMBO)
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com