Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTA12 Datasheet (PDF) - CIT Relay & Switch

CTA12 Datasheet PDF - CIT Relay & Switch
Part # CTA12
Download  CTA12 Download
File Size   147.54 Kbytes
Page   2 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity up to 20A Small size and light weight

CTA12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTA12 Datasheet PDF - CIT Relay & Switch

Part # CTA12
Download  CTA12 Click to download

File Size   147.54 Kbytes
Page   2 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity up to 20A Small size and light weight

CTA12 Datasheet (HTML) - CIT Relay & Switch




Similar Part No. - CTA12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA1 ETC1-CTA1 Datasheet
154Kb / 2P
Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
logo
CIT Relay & Switch
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
CIT SWITCH
CTA10 CIT-CTA10 Datasheet
176Kb / 2P
CIT SWITCH
logo
PowerVolt Inc.
CTA100-L01 POWERVOLT-CTA100-L01 Datasheet
119Kb / 1P
Connection Diagram , Schematic
logo
CIT Relay & Switch
CTA101AS10VDC CIT-CTA101AS10VDC Datasheet
176Kb / 2P
CIT SWITCH
More results


Similar Description - CTA12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F Datasheet
291Kb / 2P
Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
Small size and light weight
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
Small size and light weight.
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
Small size and light weight
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
Small size and light weight
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com