Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT122CC9VDC.45 Datasheet (PDF) - CIT Relay & Switch

CAT122CC9VDC.45 Datasheet PDF - CIT Relay & Switch
Part # CAT122CC9VDC.45
Download  CAT122CC9VDC.45 Download
File Size   147.54 Kbytes
Page   2 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity up to 20A Small size and light weight

CAT122CC9VDC.45 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT122CC9VDC.45 Datasheet PDF - CIT Relay & Switch

Part # CAT122CC9VDC.45
Download  CAT122CC9VDC.45 Click to download

File Size   147.54 Kbytes
Page   2 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity up to 20A Small size and light weight

CAT122CC9VDC.45 Datasheet (HTML) - CIT Relay & Switch




Similar Part No. - CAT122CC9VDC.45

ManufacturerPart #DatasheetDescription
logo
Clarke International
CAT120 CLARKE-CAT120 Datasheet
4Mb / 32P
43 PIECE AIR TOOL KIT
DL1122 - Rev 3
CAT121 CLARKE-CAT121 Datasheet
2Mb / 16P
DUAL ACTION SANDER
DL1023 - ISS 6
CAT123 CLARKE-CAT123 Datasheet
1Mb / 16P
1/2” REVERSIBLE AIR DRILL
DL1122 - Rev 2
logo
Catalyst Semiconductor
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
More results


Similar Description - CAT122CC9VDC.45

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F Datasheet
291Kb / 2P
Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
Small size and light weight
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
Small size and light weight.
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
Small size and light weight
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
Small size and light weight
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com