Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2020ARI-TY Datasheet (PDF) - Anpec Electronics Coropration

APA2020ARI-TY Datasheet PDF - Anpec Electronics Coropration
Part # APA2020ARI-TY
Download  APA2020ARI-TY Download
File Size   638.62 Kbytes
Page   25 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2-W Audio Power Amplifier

APA2020ARI-TY Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2020ARI-TY Datasheet PDF - Anpec Electronics Coropration

Part # APA2020ARI-TY
Download  APA2020ARI-TY Click to download

File Size   638.62 Kbytes
Page   25 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2-W Audio Power Amplifier

APA2020ARI-TY Datasheet (HTML) - Anpec Electronics Coropration


APA2020ARI-TY Product details

General Description

The APA2020A is a stereo bridge-tied audio power amplifier in various 24-pin power packages , including SOP , TSSOP-P. When connecting to a 5V voltage supply , the APA2020A is capable of delivering 1.8W/1.2W of continuous RMS power per channel into 4Ω/8Ω loads with less than 1% THD+N ,respectively. The APA2020A simplifies design and frees up board space for other features .



Features

•Low Supply Current , IDD= 8mA at Stereo BTL

•Low Shutdown Current , IDD= 0.5µA

•Depop Circuitry Integrated

•Low Supply Voltage

•Thermal Shutdown Circuitry Integrated

•Output Power at 1% THD+N , VDD=5V

- 1.8 W/Ch (typ) into a 4 ΩLoad

- 1.2 W/Ch (typ) into a 8 ΩLoad

•Bridge-Tied Load (BTL) or Single-Ended (SE) Modes Operation

•Various 24-Pin Power Packages Available SOP , TSSOP-P

•High Supply Voltage Ripple Rejection



Applications

•Stereo Audio Power Amplifier for Notebook Computer




Similar Part No. - APA2020ARI-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
APA2020K-TR ANPEC-APA2020K-TR Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
APA2020K-TRL ANPEC-APA2020K-TRL Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
APA2020K-TU ANPEC-APA2020K-TU Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
APA2020K-TUL ANPEC-APA2020K-TUL Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
More results


Similar Description - APA2020ARI-TY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
2-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com