Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2309 Datasheet (PDF) - Cypress Semiconductor

CY2309 Datasheet PDF - Cypress Semiconductor
Part # CY2309
Download  CY2309 Download
File Size   200.51 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description LOW-COST 3.3V ZERO DELAY BUFFER

CY2309 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY2309 Datasheet PDF - Cypress Semiconductor

Part # CY2309
Download  CY2309 Click to download

File Size   200.51 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description LOW-COST 3.3V ZERO DELAY BUFFER

CY2309 Datasheet (HTML) - Cypress Semiconductor


CY2309 Product details

Functional Description
The CY2309 is a low-cost 3.3V zero delay buffer designed to distribute high-speed clocks and is available in a 16-pin SOIC or TSSOP package. The CY2305 is an 8-pin version of the CY2309. It accepts one reference input, and drives out five low-skew clocks. The -1H versions of each device operate at up to 100-/133-MHz frequencies, and have higher drive than the -1 devices. All parts have on-chip PLLs which lock to an input clock on the REF pin. The PLL feedback is on-chip and is obtained from the CLKOUT pad.

Features
• 10-MHz to 100-/133-MHz operating range, compatible with CPU and PCI bus frequencies
• Zero input-output propagation delay
• 60 ps typical cycle-to-cycle jitter (high drive)
• Multiple low-skew outputs
    — 85 ps typical output-to-output skew
    — One input drives five outputs (CY2305)
    — One input drives nine outputs, grouped as 4 + 4 + 1 (CY2309)
• Compatible with Pentium-based systems
• Test Mode to bypass phase-locked loop (PLL) (CY2309 only [see “Select Input Decoding” on page 2])
• Available in space-saving 16-pin 150-mil SOIC or 4.4-mm TSSOP packages (CY2309), and 8-pin, 150-mil SOIC package (CY2305)
• 3.3V operation
• Industrial temperature available




Similar Part No. - CY2309

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309 CYPRESS-CY2309 Datasheet
133Kb / 10P
CY2305 and CY2309 as PCI and SDRAM Buffers
March 25, 1997 - Revised July 29, 1997
CY2309 CYPRESS-CY2309 Datasheet
210Kb / 14P
Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
363Kb / 15P
Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
380Kb / 15P
Low Cost 3.3V Zero Delay Buffer
CY2309C CYPRESS-CY2309C Datasheet
152Kb / 3P
Zero Delay Buffers
More results


Similar Description - CY2309

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
LOW-COST 3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
Low-Cost 3.3V Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
Low Cost 3.3V Spread Aware Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
Low-Cost 3.3V Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
Low Cost 3.3V Spread Aware Zero Delay Buffer
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
Low Cost 3.3V Zero Delay Buffer
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
Low-Cost, 3.3V Zero Delay Buffer
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
Low-Cost, 3.3V Zero Delay Buffer
2019
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com