Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7512 Datasheet (PDF) - OKI electronic componets

MSM7512 Datasheet PDF - OKI electronic componets
Part # MSM7512
Download  MSM7512 Download
File Size   111.67 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1200 bps Half Duplex FSK Modem - ITU-T V.23

MSM7512 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7512 Datasheet PDF - OKI electronic componets

Part # MSM7512
Download  MSM7512 Click to download

File Size   111.67 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1200 bps Half Duplex FSK Modem - ITU-T V.23

MSM7512 Datasheet (HTML) - OKI electronic componets


MSM7512 Product details

GENERAL DESCRIPTION

The MSM7512B is useful for the ITU-T V.23 modem, for examples, low cost built-in modems, telecontrol systems, home security systems, etc. The family version, MSM7510 for ITU-T V.21, will be available following this device. Oki has been mass-producing and delivering the MSM6926 and 6927 for a long time, but these

devices need two power supplies, +5 V for digital and +12 V for analog. New generation devices, MSM7510/7512B, work with single rail +3 V to +5 V and low power consumption.



FEATURES

• Conforms to ITU-T V.23, 1200 bps Half Duplex

• Conforms to ITU-T V.23, 75 bps transmitter

• Single Power Supply: +3 V to +5 V

• Low Power Consumption

  Operating Mode: 25 mW Typ.

  Power Down Mode: 0.1 mW Max.

• Line Hybrid Circuit on Chip

• Line Direct Drive Capability of Analog Output

• 3.579545 MHz Crystal Oscillator

• Digital Interface: TTL

• Package options:

  16-pin plastic DIP (DIP16-P-300–2.54) (Product name: MSM7512BRS)

  24-pin plastic SOP (SOP24-P-430-1.27–K) (Product name: MSM7512BGS-K)




Similar Part No. - MSM7512

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
MSM7510GS-K OKI-MSM7510GS-K Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
MSM7510RS OKI-MSM7510RS Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
More results


Similar Description - MSM7512

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
1200 Baud FSK Modem
logo
List of Unclassifed Man...
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
Compact 1200 bps Modem
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
CMOS 1200 BAUD FSK MODEM
logo
OKI electronic componet...
ML7020 OKI-ML7020 Datasheet
125Kb / 19P
1200 bps MODEM for Remote Control Systems
logo
fujitsu semiconductor
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
1200 BPS MSK MODEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com