Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVX16373TTR Datasheet (PDF) - STMicroelectronics

74LVX16373TTR Datasheet PDF - STMicroelectronics
Part # 74LVX16373TTR
Download  74LVX16373TTR Download
File Size   276.99 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS

74LVX16373TTR Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX16373TTR Datasheet PDF - STMicroelectronics

Part # 74LVX16373TTR
Download  74LVX16373TTR Click to download

File Size   276.99 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS

74LVX16373TTR Datasheet (HTML) - STMicroelectronics


74LVX16373TTR Product details

DESCRIPTION
The 74LVX16373 is a low voltage CMOS 16 BIT D-TYPE LATCH with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications.
Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage.
This device can be used to interface 5V to 3V. It combines high speed performance with the true CMOS low power consumption.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED :
   tPD = 5.4 ns (MAX.) at VCC = 3V
■ 5V TOLERANT INPUTS
■ POWER DOWN PROTECTION ON INPUTS
■ INPUT VOLTAGE LEVEL:
   VIL = 0.8V, VIH = 2V at VCC =3V
■ LOW POWER DISSIPATION:
   ICC = 4 µA (MAX.) at TA=25°C
■ LOW NOISE:
   VOLP = 0.3V (TYP.) at VCC =3.3V
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 4 mA (MIN) at VCC =3V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16373
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVX16373TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
Feb-2003
74LVX16374TTR STMICROELECTRONICS-74LVX16374TTR Datasheet
275Kb / 10P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
Feb-2003
More results


Similar Description - 74LVX16373TTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX16373AFT TOSHIBA-TC74LCX16373AFT Datasheet
275Kb / 7P
LOW-VOLTAGE 16-BIT D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
Feb-2003
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LVX373 STMICROELECTRONICS-74LVX373 Datasheet
77Kb / 10P
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Jul-2001
74LCX16374 STMICROELECTRONICS-74LCX16374 Datasheet
189Kb / 10P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Jul-2001
74LCX16373 STMICROELECTRONICS-74LCX16373_03 Datasheet
282Kb / 10P
LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
54VCXH162373 STMICROELECTRONICS-54VCXH162373 Datasheet
508Kb / 17P
Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
30-Jul-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com