Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5381 Datasheet (PDF) - Analog Devices

AD5381 Datasheet PDF - Analog Devices
Part # AD5381
Download  AD5381 Download
File Size   1200.6 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC

AD5381 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5381 Datasheet PDF - Analog Devices

Part # AD5381
Download  AD5381 Click to download

File Size   1200.6 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC

AD5381 Datasheet (HTML) - Analog Devices


AD5381 Product details

GENERAL DESCRIPTION
The AD5381 is a complete, single-supply, 40-channel, 12-bit denseDAC® available in a 100-lead LQFP package. All 40 channels have an on-chip output amplifier with rail-to-rail operation.

FEATURES
   Guaranteed monotonic
   INL error: ±1 LSB max
   On-chip 1.25 V/2.5 V, 10 ppm/°C reference
   Temperature range: –40°C to +85°C
   Rail-to-rail output amplifier
   Power-down
   Package type: 100-lead LQFP (14 mm × 14 mm)
   User interfaces
      Parallel
      Serial (SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible,
         featuring data readback)
      I2C®-compatible
   Robust 6.5 kV HBM and 2 kV FICDM ESD rating

INTEGRATED FUNCTIONS
   Channel monitor
   Simultaneous output update via LDAC
   Clear function to user-programmable code
   Amplifier boost mode to optimize slew rate
   User-programmable offset and gain adjust
   Toggle mode enables square wave generation
   Thermal monitors

APPLICATIONS
   Variable optical attenuators (VOAs)
   Level setting (ATE)
   Optical micro-electro-mechanical systems (MEMs)
   Control systems
   Instrumentation




Similar Part No. - AD5381

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5381 AD-AD5381 Datasheet
1Mb / 40P
40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5381BST-3 AD-AD5381BST-3 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5381BST-3 AD-AD5381BST-3 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
AD5381BST-5 AD-AD5381BST-5 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5381BST-5 AD-AD5381BST-5 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
More results


Similar Description - AD5381

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5382 AD-AD5382 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5383 AD-AD5383 Datasheet
1Mb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
5/04-Revision 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
10/04-Changed from Rev. 0 to Rev. A
AD5381BSTZ-5 AD-AD5381BSTZ-5 Datasheet
1Mb / 40P
40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5381 AD-AD5381_15 Datasheet
805Kb / 40P
40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Rev. E
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com