Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP2410 Datasheet (PDF) - International Rectifier

IRFP2410 Datasheet PDF - International Rectifier
Part # IRFP2410
Download  IRFP2410 Download
File Size   147.83 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon

IRFP2410 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP2410 Datasheet PDF - International Rectifier

Part # IRFP2410
Download  IRFP2410 Click to download

File Size   147.83 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon

IRFP2410 Datasheet (HTML) - International Rectifier


IRFP2410 Product details

Description
Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole. It also provides greater creepage distance between pins to meet the requirements of most safety specifications.

● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● 175°C Operating Temperature
● Fast Switching
● Ease of Paralleling




Similar Part No. - IRFP2410

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP241R ISC-IRFP241R Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRFP2410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
Advanced Power Electron...
AP01L60AT A-POWER-AP01L60AT_10 Datasheet
111Kb / 5P
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
logo
Integrated Device Techn...
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
Fourth generation FemtoClock
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
Fourth generation FemtoClock
logo
Lumileds Lighting Compa...
DS163 LUMILEDS-DS163 Datasheet
1Mb / 15P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
Lumileds Lighting Compa...
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com