Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB02K03HP Datasheet (PDF) - Excelliance MOS Corp.

EMB02K03HP Datasheet PDF - Excelliance MOS Corp.
Part # EMB02K03HP
Download  EMB02K03HP Download
File Size   285.73 Kbytes
Page   9 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMB02K03HP Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB02K03HP Datasheet PDF - Excelliance MOS Corp.

Part # EMB02K03HP
Download  EMB02K03HP Click to download

File Size   285.73 Kbytes
Page   9 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMB02K03HP Datasheet (HTML) - Excelliance MOS Corp.


EMB02K03HP Product details

Product Summary:
                               N‐CH‐Q1     N‐CH‐Q2
   BVDSS                30V              30V
   RDSON (MAX.)   5.5mΩ          2.6mΩ
   ID                         50A              83A

UIS, Rg 100% Tested
Pb‐Free Lead Plating & Halogen Free




Similar Part No. - EMB02K03HP

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB02N03HR EXCELLIANCE-EMB02N03HR Datasheet
217Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB02N03HS EXCELLIANCE-EMB02N03HS Datasheet
215Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB02N60AB EXCELLIANCE-EMB02N60AB Datasheet
201Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB02N60CSB EXCELLIANCE-EMB02N60CSB Datasheet
187Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB02Q03HP EXCELLIANCE-EMB02Q03HP Datasheet
294Kb / 10P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Similar Description - EMB02K03HP

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMD06N10E EXCELLIANCE-EMD06N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD06N80F EXCELLIANCE-EMD06N80F Datasheet
173Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N10E EXCELLIANCE-EMD08N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N80F EXCELLIANCE-EMD08N80F Datasheet
172Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06A EXCELLIANCE-EMD10N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06E EXCELLIANCE-EMD10N06E Datasheet
230Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N70F EXCELLIANCE-EMD10N70F Datasheet
170Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N06A EXCELLIANCE-EMD12N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N10H EXCELLIANCE-EMD12N10H Datasheet
215Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N60F EXCELLIANCE-EMD12N60F Datasheet
169Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com