Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C109-15VC Datasheet (PDF) - Cypress Semiconductor

CY7C109-15VC Datasheet PDF - Cypress Semiconductor
Part # CY7C109-15VC
Download  CY7C109-15VC Download
File Size   220.17 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 8 Static RAM

CY7C109-15VC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C109-15VC Datasheet PDF - Cypress Semiconductor

Part # CY7C109-15VC
Download  CY7C109-15VC Click to download

File Size   220.17 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 8 Static RAM

CY7C109-15VC Datasheet (HTML) - Cypress Semiconductor


CY7C109-15VC Product details

Functional Description

The CY7C109 / CY7C1009 is a high-performance CMOS stat ic RAM organized as 131,072 words by 8 bits. Easy memory expansion is provided by an active LOW chip enable (CE1), an active HIGH chip enable (CE2), an active LOW output enable (OE), and three-state drivers. Writing to the device is accomplished by taking chip enable one (CE1) and write enable (WE) inputs LOW and chip enable two (CE2) input HIGH. Data on the eight I/O pins (I/O0 through I/O7) is then written into the location specified on the address pins (A0 through A16). Reading from the device is accomplished by taking chip enable one (CE1) and output enable (OE) LOW while forcing write enable (WE) and chip enable two (CE2) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the I/O pins.



Features

• High speed

   — tAA = 10 ns

• Low active power

   — 1017 mW (max., 12 ns)

• Low CMOS standby power

   — 55 mW (max.), 4 mW (Low power version)

• 2.0V Data Retention (Low power version)

• Automatic power-down when deselected

• TTL-compatible inputs and outputs

• Easy memory expansion with CE1, CE2, and OE options



 




Similar Part No. - CY7C109-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109B CYPRESS-CY7C109B Datasheet
196Kb / 12P
128K x 8 Static RAM
CY7C109B-12VC CYPRESS-CY7C109B-12VC Datasheet
196Kb / 12P
128K x 8 Static RAM
CY7C109B-12VC CYPRESS-CY7C109B-12VC Datasheet
380Kb / 10P
128K x 8 Static RAM
CY7C109B-12ZC CYPRESS-CY7C109B-12ZC Datasheet
196Kb / 12P
128K x 8 Static RAM
CY7C109B-12ZC CYPRESS-CY7C109B-12ZC Datasheet
380Kb / 10P
128K x 8 Static RAM
More results


Similar Description - CY7C109-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
128K x 8 Static RAM
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
128K x 8 Static RAM
L7C109DMB45 LODEV-L7C109DMB45 Datasheet
724Kb / 15P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
128K x 8 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com