Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK1900 Datasheet (PDF) - M.S. Kennedy Corporation

MSK1900 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK1900
Download  MSK1900 Download
File Size   254.48 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER

MSK1900 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK1900 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK1900
Download  MSK1900 Click to download

File Size   254.48 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER

MSK1900 Datasheet (HTML) - M.S. Kennedy Corporation


MSK1900 Product details

DESCRIPTION:
The MSK 1900 is a high performance, high voltage, variable gain video amplifier capable of directly driving high resolution video displays. The MSK 1900 features differential inputs and a linearly adjustable gain stage with an output offset adjustment which allows it to be a versatile performer well suited for many applications. A TTL level blanking input is available to set the output to a predetermined black level independent of signal input. The MSK 1900 is packaged in a cost effective, 24 pin power dip which can be bolted directly to a heat sink for efficient thermal management.

FEATURES:
• Ultra Fast Rise Time - 2.8nS Typical
• Wide Bandwidth - 200 MHz Typical
• Variable Gain - 0 to 100 V/V
• On Board Reference Output
• 50 Vpp Output Voltage Swing
• Blanking Capability
• User Adjustable Brightness and Contrast
• 25,000 V/µSec Slew Rate
• Replaces TP1900 And Max 445

TYPICAL APPLICATIONS
• High Resolution Mono-Chrome Displays
• High Resolution RGB Displays
• High Speed, High Voltage Amplification for ATE




Similar Part No. - MSK1900

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1901 MSK-MSK1901 Datasheet
170Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1901B MSK-MSK1901B Datasheet
170Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1901E MSK-MSK1901E Datasheet
170Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1902 MSK-MSK1902 Datasheet
257Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
MSK1902-0 MSK-MSK1902-0 Datasheet
257Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
More results


Similar Description - MSK1900

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Micrel Semiconductor
MIC8030 MICREL-MIC8030 Datasheet
62Kb / 5P
High-Voltage Display Driver
logo
National Semiconductor ...
MM58341 NSC-MM58341 Datasheet
147Kb / 6P
High Voltage Display Driver
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
High Voltage Display Driver
logo
M.S. Kennedy Corporatio...
MSK1901 MSK-MSK1901 Datasheet
170Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1911 MSK-MSK1911 Datasheet
197Kb / 6P
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK645 MSK-MSK645 Datasheet
222Kb / 6P
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
logo
National Semiconductor ...
MM58248 NSC-MM58248 Datasheet
156Kb / 6P
High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
High Voltage Display Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com