Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC166 Datasheet (PDF) - STMicroelectronics

M74HC166 Datasheet PDF - STMicroelectronics
Part # M74HC166
Download  M74HC166 Download
File Size   506.93 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT PISO SHIFT REGISTER

M74HC166 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC166 Datasheet PDF - STMicroelectronics

Part # M74HC166
Download  M74HC166 Click to download

File Size   506.93 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT PISO SHIFT REGISTER

M74HC166 Datasheet (HTML) - STMicroelectronics


M74HC166 Product details

DESCRIPTION
The M74HC166 is an high speed CMOS 8 BIT PISO SHIFT REGISTER fabricated with silicon gate C2MOS technology.

■ HIGH SPEED :
   fMAX = 63 MHz (TYP.) at VCC = 6V
■ LOW POWER DISSIPATION:
   ICC =4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
   VNIH = VNIL = 28 % VCC (MIN.)
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 4mA (MIN)
■ BALANCED PROPAGATION DELAYS:
   tPLH ≅ tPHL
■ WIDE OPERATING VOLTAGE RANGE:
   VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
   74 SERIES 166




Similar Part No. - M74HC166

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC166 STMICROELECTRONICS-M74HC166 Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M74HC166B1R STMICROELECTRONICS-M74HC166B1R Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M74HC166C1R STMICROELECTRONICS-M74HC166C1R Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M74HC166M1R STMICROELECTRONICS-M74HC166M1R Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
More results


Similar Description - M74HC166

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
STMicroelectronics
M54HCT165 STMICROELECTRONICS-M54HCT165 Datasheet
277Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1993
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
STMicroelectronics
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC165 STMICROELECTRONICS-M74HC165 Datasheet
475Kb / 12P
8 BIT PISO SHIFT REGISTER
Jul-2001
M54HC166 STMICROELECTRONICS-M54HC166 Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC165 STMICROELECTRONICS-M74HC165_08 Datasheet
362Kb / 21P
8-bit PISO shift register
26-May-2008
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com