Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK3554 Datasheet (PDF) - M.S. Kennedy Corporation

MSK3554 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK3554
Download  MSK3554 Download
File Size   270.44 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER

MSK3554 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK3554 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK3554
Download  MSK3554 Click to download

File Size   270.44 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER

MSK3554 Datasheet (HTML) - M.S. Kennedy Corporation


MSK3554 Product details

DESCRIPTION:
The MSK 3554 is a pin compatible, low gain stable, drop-in replacement for the OPA 3554 and TP 3554. The MSK 3554 does not exhibit high frequency output oscillations like other versions of the 3554 when operated at closed loop gains of less than 55 V/V. The extremely low input bias current and input offset voltage ratings coupled with a high slew rate and wide bandwidth make the MSK 3554 an excellent choice for fast D/A converters, buffers, pulse amplifiers and other high speed op-amp applications. The MSK 3554 is packaged in an 8-pin TO-3 using thick film hybrid technology to obtain high reliability and compact size.

FEATURES:
• Stable at Low Gain
• Fast Slew Rate - 1200V/µs Typical
• Gain Bandwidth Product - 1200 MHz Typical
• Low Quiescent Current - –14.0 mA Typical
• Low Offset - 2 mV Maximum
• Drop In Replacement for OPA 3554 and TP 3554
• High Output Current - –100mA Minimum

TYPICAL APPLICATIONS
• Fast D/A Converters
• Pulse Amplifiers
• Video Instrumentation
• Fast Buffer/Follower
• Video Frequency Filters




Similar Part No. - MSK3554

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK3554 ANAREN-MSK3554 Datasheet
709Kb / 6P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
MSK3554B ANAREN-MSK3554B Datasheet
709Kb / 6P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
More results


Similar Description - MSK3554

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
High Speed Operational Amplifier
logo
Fairchild Semiconductor
KH300 FAIRCHILD-KH300 Datasheet
94Kb / 7P
Wideband, High-Speed Operational Amplifier
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
Wideband Operational Amplifier
logo
Intersil Corporation
HA-2602883 INTERSIL-HA-2602883 Datasheet
152Kb / 5P
Wideband, High Impedance Operational Amplifier
October 2004
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
KH300 CADEKA-KH300 Datasheet
256Kb / 7P
Wideband, High-Speed Operational Amplifier
logo
Texas Instruments
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
Wideband Operational Amplifier
logo
Anaren Microwave
MSK3554 ANAREN-MSK3554 Datasheet
709Kb / 6P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com